Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX909 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX909
Description  Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX909 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX909 Datasheet HTML 3Page - Maxim Integrated Products MAX909 Datasheet HTML 4Page - Maxim Integrated Products MAX909 Datasheet HTML 5Page - Maxim Integrated Products MAX909 Datasheet HTML 6Page - Maxim Integrated Products MAX909 Datasheet HTML 7Page - Maxim Integrated Products MAX909 Datasheet HTML 8Page - Maxim Integrated Products MAX909 Datasheet HTML 9Page - Maxim Integrated Products MAX909 Datasheet HTML 10Page - Maxim Integrated Products MAX909 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Single/Dual/Quad High-Speed, Ultra Low-Power,
Single-Supply TTL Comparators
_________________________________________________________________________________________________
7
MAX907/MAX908
PROPAGATION DELAY (tPD+)
(5mV OVERDRIVE)
INPUT
(20mV/div)
TTL
THRESHOLD (1.4V)
OUTPUT
GND
tPD+
5mV OVERDRIVE
OUTPUT
(500mV/div)
INPUT GND
MAX907/MAX908
PROPAGATION DELAY (tPD-)
(5mV OVERDRIVE)
INPUT
(20mV/div)
OUTPUT
(500mV/div)
OUTPUT
GND
TIME (10
/di )
tPD-
-5mV OVERDRIVE
TTL
THRESHOLD
(1.4V)
INPUT GND
(1V/div)
RESPONSE TO 10MHz SINE WAVE
20mVp-p
10MHz SINE WAVE
INPUT
COMPARATOR
OUTPUT
TIME (50ns/div)
GND
MAX909
PROPAGATION DELAY (tPD+)
(5mV OVERDRIVE)
INPUT
(20mV/div)
OUTPUT
GND
5mV OVERDRIVE
INPUT GND
QOUT
(1V/div)
QOUT
tPD+
tPD SKEW
1.4V
1.4V
MAX909
PROPAGATION DELAY (tPD-)
(5mV OVERDRIVE)
INPUT
(20mV/div)
OUTPUT
GND
INPUT GND
-5mV OVERDRIVE
QOUT
(1V/div)
QOUT
tPD-
tPD SKEW
____________________________Typical Operating Characteristics (continued)
(V+ = 5V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX909

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9092 MAXIM-MAX9092 Datasheet
1Mb / 11P
   General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
MAX9092AKA++ MAXIM-MAX9092AKA+ Datasheet
1Mb / 11P
   General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
MAX9092AUA++ MAXIM-MAX9092AUA+ Datasheet
1Mb / 11P
   General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
MAX9092EVKIT# MAXIM-MAX9092EVKIT# Datasheet
526Kb / 8P
   proven design to evaluate the MAX9092 dual comparator
Rev 0; 5/13
MAX9092 MAXIM-MAX9092_13 Datasheet
526Kb / 8P
   proven design to evaluate the MAX9092 dual comparator
Rev 0; 5/13
More results

Similar Description - MAX909

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX976 MAXIM-MAX976 Datasheet
120Kb / 8P
   Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
Rev 1; 1/98
MAX976 MAXIM-MAX976_09 Datasheet
228Kb / 11P
   Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
Rev 3; 3/09
MAX9107 MAXIM-MAX9107 Datasheet
313Kb / 10P
   25ns, Dual/Quad/Single, Low-Power, TTL Comparators
Rev. 0; 5/01
MAX9030 MAXIM-MAX9030 Datasheet
344Kb / 11P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
2012
MAX9030 MAXIM-MAX9030_10 Datasheet
249Kb / 10P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9030 MAXIM-MAX9030_12 Datasheet
238Kb / 9P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
MAX9031AUK MAXIM-MAX9031AUK Datasheet
220Kb / 9P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com