Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0V2BMB Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PESD5V0V2BMB
Description  Very low capacitance bidirectional ESD protection diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0V2BMB Datasheet(HTML) 4 Page - NXP Semiconductors

  PESD5V0V2BMB_15 Datasheet HTML 1Page - NXP Semiconductors PESD5V0V2BMB_15 Datasheet HTML 2Page - NXP Semiconductors PESD5V0V2BMB_15 Datasheet HTML 3Page - NXP Semiconductors PESD5V0V2BMB_15 Datasheet HTML 4Page - NXP Semiconductors PESD5V0V2BMB_15 Datasheet HTML 5Page - NXP Semiconductors PESD5V0V2BMB_15 Datasheet HTML 6Page - NXP Semiconductors PESD5V0V2BMB_15 Datasheet HTML 7Page - NXP Semiconductors PESD5V0V2BMB_15 Datasheet HTML 8Page - NXP Semiconductors PESD5V0V2BMB_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NXP Semiconductors
PESD5V0V2BMB
Very low capacitance bidirectional ESD protection diodes
PESD5V0V2BMB
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
17 August 2015
4 / 12
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBR
breakdown voltage
IR = 5 mA; Tamb = 25 °C
[1]
5.5
6.8
7.8
V
Cd
diode capacitance
f = 1 MHz; VR = 0 V; Tamb = 25 °C
-
18
20
pF
IPP = 1 A; Tamb = 25 °C; tp = 8/20 μs
[1][2]
-
8
9.5
V
VCL
clamping voltage
IPPM = 9 A; Tamb = 25 °C; tp = 8/20 μs
[1][2]
-
11
12.5
V
Rdyn
dynamic resistance
IR = 10 A; Tamb = 25 °C
[1][3]
-
0.15
-
Ω
[1] Measured from pin 1 or 2 to pin 3.
[2] According to IEC 61000-4-5 and IEC 61643-321.
[3] Non-repetitive current pulse, Transmission Line Pulse (TLP) tp = 100 ns; square pulse; ANSI / ESD
STM5.5.1-2008.
VR (V)
-5
5
3
-1
1
-3
aaa-019002
8
12
4
16
20
Cd
(pF)
0
f = 1 MHz; Tamb = 25 °C
Fig. 4. Diode capacitance as a function of reverse
voltage; typical values
006aaa676
- VCL - VBR - VRWM
VCL
VBR
VRWM
- IRM
IRM
- IR
IR
- IPP
IPP
-
+
Fig. 5. V-I characteristics for a bidirectional ESD
protection diode
VCL (V)
0
12
8
4
aaa-019004
10
20
30
I
(A)
0
Rdyn: 0.15 Ω
tp = 100 ns; Transmission Line Pulse (TLP)
Fig. 6. Dynamic resistance
VCL (V)
-12
0
-4
-8
aaa-019006
-20
-10
0
I
(A)
-30
Rdyn: 0.15 Ω
tp = 100 ns; Transmission Line Pulse (TLP)
Fig. 7. Dynamic resistance


Similar Part No. - PESD5V0V2BMB_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0V2BMB-Q NEXPERIA-PESD5V0V2BMB-Q Datasheet
265Kb / 12P
   Very low capacitance bidirectional ESD protection diodes
4 October 2022
More results

Similar Description - PESD5V0V2BMB_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0V1BA NEXPERIA-PESD5V0V1BA_V01 Datasheet
406Kb / 15P
   Very low capacitance bidirectional ESD protection diodes
Rev. 2 - 9 November 2012
logo
NXP Semiconductors
PESD5V0V1BA PHILIPS-PESD5V0V1BA_15 Datasheet
272Kb / 14P
   Very low capacitance bidirectional ESD protection diodes
Rev. 2-9 November 2012
logo
Nexperia B.V. All right...
PESD5V0V2BM NEXPERIA-PESD5V0V2BM Datasheet
701Kb / 12P
   Very low capacitance bidirectional ESD protection diodes
PESD5V0V2BMB NEXPERIA-PESD5V0V2BMB Datasheet
701Kb / 12P
   Very low capacitance bidirectional ESD protection diodes
PESD5V0V2BMB-Q NEXPERIA-PESD5V0V2BMB-Q Datasheet
265Kb / 12P
   Very low capacitance bidirectional ESD protection diodes
4 October 2022
logo
NXP Semiconductors
PESD5V0V2BM PHILIPS-PESD5V0V2BM_15 Datasheet
218Kb / 12P
   Very low capacitance bidirectional ESD protection diodes
14 August 2015
PESD5V0V1BA NXP-PESD5V0V1BA Datasheet
127Kb / 13P
   Very low capacitance bidirectional ESD protection diodes
Rev. 01-28 July 2009
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
PESD5V0V1BLD-Q NEXPERIA-PESD5V0V1BLD-Q Datasheet
263Kb / 12P
   Very low capacitance bidirectional ESD protection diode
31 May 2022
PESD4V0X1BESF NEXPERIA-PESD4V0X1BESF Datasheet
206Kb / 10P
   Very low capacitance bidirectional ESD protection diode
2 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com