Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0F1BRLD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PESD5V0F1BRLD
Description  Femtofarad bidirectional ESD protection diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0F1BRLD Datasheet(HTML) 1 Page - NXP Semiconductors

  PESD5V0F1BRLD_15 Datasheet HTML 1Page - NXP Semiconductors PESD5V0F1BRLD_15 Datasheet HTML 2Page - NXP Semiconductors PESD5V0F1BRLD_15 Datasheet HTML 3Page - NXP Semiconductors PESD5V0F1BRLD_15 Datasheet HTML 4Page - NXP Semiconductors PESD5V0F1BRLD_15 Datasheet HTML 5Page - NXP Semiconductors PESD5V0F1BRLD_15 Datasheet HTML 6Page - NXP Semiconductors PESD5V0F1BRLD_15 Datasheet HTML 7Page - NXP Semiconductors PESD5V0F1BRLD_15 Datasheet HTML 8Page - NXP Semiconductors PESD5V0F1BRLD_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
Femtofarad bidirectional ElectroStatic Discharge (ESD) protection diode designed to
protect one signal line from the damage caused by ESD and other transients. The device
is encapsulated in a leadless ultra small DFN1006D-2 (SOD882D) Surface-Mounted
Device (SMD) plastic package with visible and solderable side pads.
The combination of extremely low capacitance, high ESD maximum rating and ultra small
package makes the device ideal for high-speed data line protection and antenna
protection applications.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
PESD5V0F1BRLD
Femtofarad bidirectional ESD protection diode
Rev. 1 — 30 January 2014
Product data sheet
Bidirectional ESD protection of one line ESD protection up to 10 kV (contact)
and 15 kV (air)
Femtofarad capacitance: Cd = 400 fF
IEC 61000-4-2; level 4 (ESD)
Low ESD clamping voltage: 30 V
at 30 ns and
8kV
Package height typ. 0.37 mm
Very low leakage current: IRM <1nA
AEC-Q101 qualified
10/100/1000 Mbit/s Ethernet
Portable electronics
FireWire
Communication systems
High-speed data lines
Computers and peripherals
SIM card protection
Audio and video equipment
Cellular handsets and accessories
Antenna protection
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device
VRWM
reverse standoff voltage
-
-
5.5
V
Cd
diode capacitance
f = 1 MHz; VR =0V
-
0.4
0.55
pF


Similar Part No. - PESD5V0F1BRLD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0F1BRLD-Q NEXPERIA-PESD5V0F1BRLD-Q Datasheet
253Kb / 11P
   Femtofarad bidirectional ESD protection diode
4 October 2022
More results

Similar Description - PESD5V0F1BRLD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0F1BL-Q NEXPERIA-PESD5V0F1BL-Q Datasheet
246Kb / 11P
   Femtofarad bidirectional ESD protection diode
10 June 2022
logo
NXP Semiconductors
PESD5V0F1BLD PHILIPS-PESD5V0F1BLD_15 Datasheet
358Kb / 11P
   Femtofarad bidirectional ESD protection diode
Rev. 1-23 July 2012
logo
Nexperia B.V. All right...
PESD5V0F1BRLD-Q NEXPERIA-PESD5V0F1BRLD-Q Datasheet
253Kb / 11P
   Femtofarad bidirectional ESD protection diode
4 October 2022
PESD5V0F1BL NEXPERIA-PESD5V0F1BL Datasheet
246Kb / 11P
   Femtofarad bidirectional ESD protection diode
14 April 2023
logo
NXP Semiconductors
PESD5V0F1BL PHILIPS-PESD5V0F1BL_15 Datasheet
139Kb / 12P
   Femtofarad bidirectional ESD protection diode
Rev. 3-24 October 2011
logo
Nexperia B.V. All right...
PESD5V0F1BRLD NEXPERIA-PESD5V0F1BRLD Datasheet
658Kb / 12P
   Femtofarad bidirectional ESD protection diode
logo
NXP Semiconductors
PESD5V0F1BL NXP-PESD5V0F1BL Datasheet
88Kb / 10P
   Femtofarad bidirectional ESD protection diode
Rev. 01-1 October 2009
logo
Nexperia B.V. All right...
PESD5V0F1BLD NEXPERIA-PESD5V0F1BLD Datasheet
493Kb / 12P
   Femtofarad bidirectional ESD protection diode
PESD5V0F1BLD-Q NEXPERIA-PESD5V0F1BLD-Q Datasheet
253Kb / 11P
   Femtofarad bidirectional ESD protection diode
10 June 2022
PESD3V3T1BLS NEXPERIA-PESD3V3T1BLS Datasheet
228Kb / 11P
   Bidirectional ESD protection diode
8 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com