Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX7002BKW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NX7002BKW
Description  60 V, single N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX7002BKW Datasheet(HTML) 3 Page - NXP Semiconductors

  NX7002BKW_15 Datasheet HTML 1Page - NXP Semiconductors NX7002BKW_15 Datasheet HTML 2Page - NXP Semiconductors NX7002BKW_15 Datasheet HTML 3Page - NXP Semiconductors NX7002BKW_15 Datasheet HTML 4Page - NXP Semiconductors NX7002BKW_15 Datasheet HTML 5Page - NXP Semiconductors NX7002BKW_15 Datasheet HTML 6Page - NXP Semiconductors NX7002BKW_15 Datasheet HTML 7Page - NXP Semiconductors NX7002BKW_15 Datasheet HTML 8Page - NXP Semiconductors NX7002BKW_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NXP Semiconductors
NX7002BKW
60 V, single N-channel Trench MOSFET
NX7002BKW
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
20 March 2015
3 / 15
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
60
V
VGS
gate-source voltage
Tj = 25 °C
-20
20
V
VGS = 10 V; Tsp = 25 °C
-
330
mA
VGS = 10 V; Tamb = 25 °C
[1]
-
240
mA
ID
drain current
VGS = 10 V; Tamb = 100 °C
[1]
-
150
mA
IDM
peak drain current
Tamb = 25 °C; single pulse; tp ≤ 10 µs
-
0.8
A
[2]
-
265
mW
Tamb = 25 °C
[1]
-
322
mW
Ptot
total power dissipation
Tsp = 25 °C
-
1449
mW
Tj
junction temperature
-55
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
Source-drain diode
IS
source current
Tamb = 25 °C
[1]
-
200
mA
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and mounting pad for drain 1 cm2.
[2] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
Tj (°C)
- 75
175
125
25
75
- 25
017aaa123
40
80
120
Pder
(%)
0
Fig. 1. Normalized total power dissipation as a
function of junction temperature
Tj (°C)
- 75
175
125
25
75
- 25
017aaa124
40
80
120
Ider
(%)
0
Fig. 2. Normalized continuous drain current as a
function of junction temperature


Similar Part No. - NX7002BKW_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NX7002BKW NEXPERIA-NX7002BKW Datasheet
727Kb / 15P
   60 V, single N-channel Trench MOSFET
More results

Similar Description - NX7002BKW_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX7002AK NXP-NX7002AK Datasheet
210Kb / 15P
   60 V, single N-channel Trench MOSFET
10 July 2012
NX7002AKW PHILIPS-NX7002AKW_15 Datasheet
207Kb / 14P
   60 V, single N-channel Trench MOSFET
11 July 2012
2N7002BKMB NXP-2N7002BKMB Datasheet
667Kb / 15P
   60 V, single N-channel Trench MOSFET
Rev. 2-13 June 2012
2N7002BKMB PHILIPS-2N7002BKMB_15 Datasheet
667Kb / 15P
   60 V, single N-channel Trench MOSFET
Rev. 2-13 June 2012
logo
Nexperia B.V. All right...
PMPB85ENEA NEXPERIA-PMPB85ENEA Datasheet
728Kb / 15P
   60 V, single N-channel Trench MOSFET
NX7002AK NEXPERIA-NX7002AK Datasheet
724Kb / 16P
   60 V, single N-channel Trench MOSFET
6 August 2015
logo
NXP Semiconductors
BSS138AKA PHILIPS-BSS138AKA_15 Datasheet
255Kb / 16P
   60 V, single N-channel Trench MOSFET
29 April 2015
logo
Nexperia B.V. All right...
2N7002BKMB NEXPERIA-2N7002BKMB Datasheet
1Mb / 15P
   60 V, single N-channel Trench MOSFET
Rev. 2 - 13 June 2012
logo
NXP Semiconductors
PMPB85ENEA PHILIPS-PMPB85ENEA_15 Datasheet
259Kb / 15P
   60 V, single N-channel Trench MOSFET
19 December 2013
logo
Nexperia B.V. All right...
BSS138AKA NEXPERIA-BSS138AKA Datasheet
718Kb / 16P
   60 V, single N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com