Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX7002AK Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NX7002AK
Description  60 V, single N-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX7002AK Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NX7002AK_15 Datasheet HTML 3Page - NXP Semiconductors NX7002AK_15 Datasheet HTML 4Page - NXP Semiconductors NX7002AK_15 Datasheet HTML 5Page - NXP Semiconductors NX7002AK_15 Datasheet HTML 6Page - NXP Semiconductors NX7002AK_15 Datasheet HTML 7Page - NXP Semiconductors NX7002AK_15 Datasheet HTML 8Page - NXP Semiconductors NX7002AK_15 Datasheet HTML 9Page - NXP Semiconductors NX7002AK_15 Datasheet HTML 10Page - NXP Semiconductors NX7002AK_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NXP Semiconductors
NX7002AK
60 V, single N-channel Trench MOSFET
NX7002AK
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
6 August 2015
7 / 16
VDS (V)
0
4
3
1
2
017aaa469
0.10
0.05
0.15
0.20
ID
(A)
0
10 V
2.3 V
VGS = 2.0 V
2.5 V
3.0 V
4.5 V
Tj = 25 °C
Fig. 6. Output characteristics: drain current as a
function of drain-source voltage; typical values
017aaa470
VGS (V)
0
3
2
1
10-4
10-5
10-3
ID
(A)
10-6
(1)
(2)
(3)
Tj = 25 °C; VDS = 5 V
(1) minimum values
(2) typical values
(3) maximum values
Fig. 7. Sub-threshold drain current as a function of
gate-source voltage
ID (A)
0
0.20
0.15
0.05
0.10
017aaa471
4
6
2
8
10
RDSon
(Ω)
0
3.0 V
4.5 V
10.0 V
2.0 V
2.5 V
2.3 V
Tj = 25 °C
Fig. 8. Drain-source on-state resistance as a function
of drain current; typical values
VGS (V)
0
10
8
4
6
2
017aaa472
4
8
12
RDSon
0
(1)
(2)
ID = 0.2 A
(1) Tj = 150 °C
(2) Tj = 25 °C
Fig. 9. Drain-source on-state resistance as a function
of gate-source voltage; typical values


Similar Part No. - NX7002AK_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NX7002AKS NEXPERIA-NX7002AKS Datasheet
1Mb / 15P
   60 V, dual N-channel Trench MOSFET
logo
NXP Semiconductors
NX7002AKS PHILIPS-NX7002AKS_15 Datasheet
866Kb / 15P
   60 V, dual N-channel Trench MOSFET
Rev. 1-1 March 2012
logo
Nexperia B.V. All right...
NX7002AKW NEXPERIA-NX7002AKW Datasheet
709Kb / 14P
   60 V, single N-channel Trench MOSFET
logo
VBsemi Electronics Co.,...
NX7002AKW VBSEMI-NX7002AKW Datasheet
1,012Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
NXP Semiconductors
NX7002AKW PHILIPS-NX7002AKW_15 Datasheet
207Kb / 14P
   60 V, single N-channel Trench MOSFET
11 July 2012
More results

Similar Description - NX7002AK_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX7002AK NXP-NX7002AK Datasheet
210Kb / 15P
   60 V, single N-channel Trench MOSFET
10 July 2012
NX7002AKW PHILIPS-NX7002AKW_15 Datasheet
207Kb / 14P
   60 V, single N-channel Trench MOSFET
11 July 2012
2N7002BKMB NXP-2N7002BKMB Datasheet
667Kb / 15P
   60 V, single N-channel Trench MOSFET
Rev. 2-13 June 2012
2N7002BKMB PHILIPS-2N7002BKMB_15 Datasheet
667Kb / 15P
   60 V, single N-channel Trench MOSFET
Rev. 2-13 June 2012
NX7002BKW PHILIPS-NX7002BKW_15 Datasheet
271Kb / 15P
   60 V, single N-channel Trench MOSFET
20 March 2015
logo
Nexperia B.V. All right...
PMPB85ENEA NEXPERIA-PMPB85ENEA Datasheet
728Kb / 15P
   60 V, single N-channel Trench MOSFET
NX7002AK NEXPERIA-NX7002AK Datasheet
724Kb / 16P
   60 V, single N-channel Trench MOSFET
6 August 2015
logo
NXP Semiconductors
BSS138AKA PHILIPS-BSS138AKA_15 Datasheet
255Kb / 16P
   60 V, single N-channel Trench MOSFET
29 April 2015
logo
Nexperia B.V. All right...
2N7002BKMB NEXPERIA-2N7002BKMB Datasheet
1Mb / 15P
   60 V, single N-channel Trench MOSFET
Rev. 2 - 13 June 2012
logo
NXP Semiconductors
PMPB85ENEA PHILIPS-PMPB85ENEA_15 Datasheet
259Kb / 15P
   60 V, single N-channel Trench MOSFET
19 December 2013
logo
Nexperia B.V. All right...
BSS138AKA NEXPERIA-BSS138AKA Datasheet
718Kb / 16P
   60 V, single N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com