Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3020NAKW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # NX3020NAKW
Description  30 V, 180 mA N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3020NAKW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button NX3020NAKW_15 Datasheet HTML 6Page - NXP Semiconductors NX3020NAKW_15 Datasheet HTML 7Page - NXP Semiconductors NX3020NAKW_15 Datasheet HTML 8Page - NXP Semiconductors NX3020NAKW_15 Datasheet HTML 9Page - NXP Semiconductors NX3020NAKW_15 Datasheet HTML 10Page - NXP Semiconductors NX3020NAKW_15 Datasheet HTML 11Page - NXP Semiconductors NX3020NAKW_15 Datasheet HTML 12Page - NXP Semiconductors NX3020NAKW_15 Datasheet HTML 13Page - NXP Semiconductors NX3020NAKW_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
NXP Semiconductors
NX3020NAKW
30 V, 180 mA N-channel Trench MOSFET
NX3020NAKW
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
29 October 2013
10 / 15
12. Package outline
UNIT
A1
max
bp
c
D
E
e1
HE
Lp
Q
w
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.1
1.1
0.8
0.4
0.3
0.25
0.10
2.2
1.8
1.35
1.15
0.65
e
1.3
2.2
2.0
0.23
0.13
0.2
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT323
SC-70
w M
bp
D
e1
e
A
B
A1
Lp
Q
detail X
c
HE
E
v M A
A
B
y
0
1
2 mm
scale
A
X
1
2
3
Plastic surface-mounted package; 3 leads
SOT323
04-11-04
06-03-16
Fig. 18. Package outline SC-70 (SOT323)


Similar Part No. - NX3020NAKW_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NX3020NAKW NEXPERIA-NX3020NAKW Datasheet
719Kb / 15P
   30 V, 180 mA N-channel Trench MOSFET
More results

Similar Description - NX3020NAKW_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NX3020NAKT NEXPERIA-NX3020NAKT Datasheet
358Kb / 14P
   30 V, 180 mA N-channel Trench MOSFET
NX3020NAKW NEXPERIA-NX3020NAKW Datasheet
719Kb / 15P
   30 V, 180 mA N-channel Trench MOSFET
logo
NXP Semiconductors
NX3020NAKS PHILIPS-NX3020NAKS Datasheet
287Kb / 15P
   30 V, 180 mA dual N-channel Trench MOSFET
11 November 2013
logo
Nexperia B.V. All right...
NX3020NAKS NEXPERIA-NX3020NAKS Datasheet
720Kb / 15P
   30 V, 180 mA dual N-channel Trench MOSFET
11 November 2013
logo
NXP Semiconductors
NX3020NAKS PHILIPS-NX3020NAKS_15 Datasheet
287Kb / 15P
   30 V, 180 mA dual N-channel Trench MOSFET
11 November 2013
NX3008NBKT-115 NXP-NX3008NBKT-115 Datasheet
874Kb / 16P
   30 V, 350 mA N-channel Trench MOSFET
Rev. 1-1 August 2011
logo
Nexperia B.V. All right...
NX3008NBK NEXPERIA-NX3008NBK Datasheet
1Mb / 16P
   30 V, 400 mA N-channel Trench MOSFET
logo
NXP Semiconductors
NX3008NBKW PHILIPS-NX3008NBKW_15 Datasheet
879Kb / 16P
   30 V, 350 mA N-channel Trench MOSFET
Rev. 1-2 August 2011
logo
Nexperia B.V. All right...
NX3008NBKT NEXPERIA-NX3008NBKT Datasheet
1Mb / 17P
   30 V, 350 mA N-channel Trench MOSFET
Rev. 1 - 1 August 2011
logo
NXP Semiconductors
BSS84AK215 NXP-BSS84AK215 Datasheet
872Kb / 16P
   50 V, 180 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com