Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5760LD Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS5760LD
Description  TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760LD Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5760LD_15 Datasheet HTML 7Page - Texas Instruments TAS5760LD_15 Datasheet HTML 8Page - Texas Instruments TAS5760LD_15 Datasheet HTML 9Page - Texas Instruments TAS5760LD_15 Datasheet HTML 10Page - Texas Instruments TAS5760LD_15 Datasheet HTML 11Page - Texas Instruments TAS5760LD_15 Datasheet HTML 12Page - Texas Instruments TAS5760LD_15 Datasheet HTML 13Page - Texas Instruments TAS5760LD_15 Datasheet HTML 14Page - Texas Instruments TAS5760LD_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
TAS5760LD
www.ti.com
SLOS781A – JULY 2013 – REVISED JULY 2015
Headphone Amplifier and Line Driver (continued)
input signal is 1 kHz Sine, specifications are over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fCP
Charge Pump Switching Frequency
200
300
400
kHz
ICN(HP)
Idle Channel Noise
R(HP) = 32 Ω, A-Weighted
13
µVrms
ICN(LD)
Idle Channel Noise
R(LD) = 3 kΩ, A-Weighted
11
µVrms
R(HP) = 16 Ω, THD+N = 1%,
Po(HP)
Headphone Amplifier Output Power
40
mW
Outputs in Phase
Power Supply Rejection Ratio of
PSRR(DR)
80
dB
Headphone Amplifier and Line Driver
(Referenced to 25 mW Output
SNR(HP)
Signal to Noise Ratio
Signal), R(HP) = 16 Ω, A-
96
dB
Weighted
(Referenced to 2 Vrms Output
SNR(LD)
Signal to Noise Ratio
Signal), R(LD) = 3 kΩ, A-
90
105
dB
Weighted
Total Harmonic Distortion and Noise for
THD+N(HP)
PO(HP) = 10 mW
0.01%
the Headphone Amplifier
Total Harmonic Distortion and Noise for
THD+N(LD)
VO(LD) = 2 Vrms
0.002%
the Line Driver
THD+N = 1%, R(LD) = 3kΩ,
Vo(LD)
Line Driver Output Voltage
2
2.4
Vrms
Outputs in Phase
Cross-talk (worst case between LtoR
X-Talk(HP)
PO(HP) = 20 mW
–90
dB
and RtoL coupling)
Cross-talk (worst case between LtoR
X-Talk(LD)
Vo = 1 Vrms
–111
dB
and RtoL coupling)
ZO(DR)
Output Impedance when muted
DR_MUTE = LOW
110
m
Ω
Current drawn from DRVDD supply in
IMUTE(DR)
DR_MUTE = LOW
12
mA
mute
Current drawn from DRVDD supply with
DR_MUTE = HIGH, PO(HP) = 25
IDRVDD(HP)
60
mA
headphone
mW, Input = 1kHz
Current drawn from DRVDD supply with
DR_MUTE = HIGH, VO(LD) = 2
IDRVDD(LD)
12
mA
line driver
Vrms, Input = 1kHz
7.13 I²C Control Port
specifications are over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CL(I²C)
Allowable Load Capacitance for Each I²C
400
pF
Line
fSCL
Support SCL frequency
No Wait States
400
kHz
tbuf
Bus Free time between STOP and
1.3
µS
START conditions
tf(I²C)
Rise Time, SCL and SDA
300
ns
th1(I²C)
Hold Time, SCL to SDA
0
ns
th2(I²C)
Hold Time, START condition to SCL
0.6
µs
tI²C(start)
I²C Startup Time
12
mS
tr(I²C)
Rise Time, SCL and SDA
300
ns
tsu1(I²C)
Setup Time, SDA to SCL
100
ns
tsu2(I²C)
Setup Time, SCL to START condition
0.6
µS
tsu3(I²C)
Setup Time, SCL to STOP condition
0.6
µS
Tw(H)
Required Pulse Duration, SCL HIGH
0.6
µS
Tw(L)
Required Pulse Duration, SCL LOW
1.3
µS
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TAS5760LD


Similar Part No. - TAS5760LD_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LDAP TI1-TAS5760LDAP Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDAPR TI1-TAS5760LDAPR Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDCA TI1-TAS5760LDCA Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDCAR TI1-TAS5760LDCAR Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDDCA TI1-TAS5760LDDCA Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
More results

Similar Description - TAS5760LD_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760MD TI-TAS5760MD_15 Datasheet
1Mb / 72P
[Old version datasheet]   TAS5760MD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760M TI1-TAS5760M Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI-TAS5760L_15 Datasheet
1Mb / 77P
[Old version datasheet]   TAS5760L General-Purpose I2S Input Class-D Amplifier
TAS5760M TI-TAS5760M_15 Datasheet
1Mb / 84P
[Old version datasheet]   TAS5760M General-Purpose I2S Input Class-D Amplifier
TAS5729MD TI-TAS5729MD Datasheet
1Mb / 58P
[Old version datasheet]   12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
TAS5729MD TI1-TAS5729MD_14 Datasheet
1Mb / 59P
[Old version datasheet]   12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com