Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5760L Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5760L
Description  TAS5760L General-Purpose I2S Input Class-D Amplifier
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760L Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5760L_15 Datasheet HTML 6Page - Texas Instruments TAS5760L_15 Datasheet HTML 7Page - Texas Instruments TAS5760L_15 Datasheet HTML 8Page - Texas Instruments TAS5760L_15 Datasheet HTML 9Page - Texas Instruments TAS5760L_15 Datasheet HTML 10Page - Texas Instruments TAS5760L_15 Datasheet HTML 11Page - Texas Instruments TAS5760L_15 Datasheet HTML 12Page - Texas Instruments TAS5760L_15 Datasheet HTML 13Page - Texas Instruments TAS5760L_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
TAS5760L
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
www.ti.com
Speaker Amplifier in All Modes (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BTL, Worst case over voltage,
10
mV
gain settings
|VOS|(SPK_
Speaker Amplifier DC Offset
AMP)
PBTL, Worst case over voltage,
15
mV
gain settings
(Hardware Control Mode.
Speaker Amplifier Switching Frequency
Additional switching rates
fSPK_AMP(0)
16
fS
when PWM_FREQ Pin = 0
available in Software Control
Mode.)
(Hardware Control Mode.
Speaker Amplifier Switching Frequency
Additional switching rates
fSPK_AMP(1)
8
fS
when PWM_FREQ Pin = 1
available in Software Control
Mode.)
PVDD = 15 V, TA = 25 °C, Die
120
m
Ω
Only
On Resistance of Output MOSFET (both
RDS(ON)
PVDD= 15V, TA = 25 °C,
high-side and low-side)
Includes: Die, Bond Wires,
150
m
Ω
Leadframe
fS = 44.1 kHz
3.7
fS = 48 kHz
4
–3-dB Corner Frequency of High-Pass
fC
Hz
Filter
fS = 88.2 kHz
7.4
fS = 96 kHz
8
7.10 Speaker Amplifier in Stereo Bridge-Tied Load (BTL) Mode
input signal is 1 kHz Sine, specifications are over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
66
-
µVrms
RSPK = 8Ω, A-Weighted
ICN(SPK)
Idle Channel Noise
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
75
-
µVrms
RSPK = 8Ω, A-Weighted
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
14.2
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
8
-
W
RSPK = 8Ω, THD+N = 0.1%
Maximum Instantaneous
PO(SPK)
Output Power Per. Ch.
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
21.9
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
12.5
-
W
RSPK = 8Ω, THD+N = 0.1%
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
14
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
8
-
W
RSPK = 8Ω, THD+N = 0.1%
Maximum Continuous
PO(SPK)
Output Power Per. Ch.(1)
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
13.25
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
12.5
-
W
RSPK = 8Ω, THD+N = 0.1%
(1)
The continuous power output of any amplifier is determined by the thermal performance of the amplifier as well as limitations placed on
it by the system around it, such as the PCB configuration and the ambient operating temperature. The performance characteristics listed
in this section are achievable on the TAS5760L's EVM, which is representative of the poplular "2 Layers / 1oz Copper" PCB
configuration in a size that is representative of the amount of area often provided to the amplifier section of popular consumer audio
electronics. As can be seen in the instantaneous power portion of this table, more power can be delivered from the TAS5760L if steps
are taken to pull more heat out of the device. For instance, using a board with more layers or adding a small heatsink will result in an
increase of continuous power, up to and including the instantaneous power level. This behavior can also been seen in the POUT vs.
PVDD plots shown in the typical performance plots section of this data sheet.
10
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5760L


Similar Part No. - TAS5760L_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDAP TI1-TAS5760LDAP Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDAPR TI1-TAS5760LDAPR Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDCA TI1-TAS5760LDCA Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
More results

Similar Description - TAS5760L_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760M TI1-TAS5760M Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760M TI-TAS5760M_15 Datasheet
1Mb / 84P
[Old version datasheet]   TAS5760M General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760MD TI-TAS5760MD_15 Datasheet
1Mb / 72P
[Old version datasheet]   TAS5760MD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
TAS5760LD TI-TAS5760LD_15 Datasheet
1Mb / 68P
[Old version datasheet]   TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
logo
NXP Semiconductors
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com