Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5624A Datasheet(PDF) 9 Page - Texas Instruments

Part # TAS5624A
Description  150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5624A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5624A_15 Datasheet HTML 5Page - Texas Instruments TAS5624A_15 Datasheet HTML 6Page - Texas Instruments TAS5624A_15 Datasheet HTML 7Page - Texas Instruments TAS5624A_15 Datasheet HTML 8Page - Texas Instruments TAS5624A_15 Datasheet HTML 9Page - Texas Instruments TAS5624A_15 Datasheet HTML 10Page - Texas Instruments TAS5624A_15 Datasheet HTML 11Page - Texas Instruments TAS5624A_15 Datasheet HTML 12Page - Texas Instruments TAS5624A_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TAS5624A
www.ti.com
SLAS844 – MAY 2012
AUDIO SPECIFICATION MONO (PBTL)
Audio performance is recorded as a chipset consisting of a TASxxxx PWM Processor (modulation index limited to 97.7%) and
a TAS5624A power stage with PCB and system configurations in accordance with recommended guidelines. Audio frequency
= 1kHz, PVDD_X = 36V, GVDD_X = 12V, RL = 4Ω, fS = 384kHz, ROC = 24kΩ, TC = 75°C, Output Filter: LDEM = 10μH, CDEM =
1
μF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 1.5 Ω, 10%, THD+N
400
RL = 2 Ω, 10% THD+N
300
RL = 4 Ω, 10% THD+N
160
PO
Power output per channel
W
RL = 1.5 Ω, 1% THD+N
320
RL = 2 Ω, 1% THD+N
250
RL = 4 Ω, 1% THD+N
130
THD+N
Total harmonic distortion + noise
1 W, 1 kHz signal
0.025
%
Vn
Output integrated noise
A-weighted, AES17 measuring filter
180
μV
VOS
Output offset voltage
No signal
10
20
mV
SNR
Signal to noise ratio(1)
A-weighted, AES17 measuring filter
105
dB
DNR
Dynamic range
A-weighted, –60 dBFS (rel 1% THD)
105
dB
Power dissipation due to idle losses
Pidle
PO = 0, All channels switching
(2)
1.0
W
(IPVDD_X)
(1)
SNR is calculated relative to 1% THD-N output level.
(2)
Actual system idle losses are affected by core losses of output inductors.
ELECTRICAL CHARACTERISTICS
PVDD_X = 36V, GVDD_X = 12V, VDD = 12V, TC (Case temperature) = 75°C, fS = 384 kHz, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL VOLTAGE REGULATOR AND CURRENT CONSUMPTION
Voltage regulator, only used as a
DVDD
VDD = 12 V
3.0
3.3
3.6
V
reference node
Voltage regulator, only used as a
AVDD
VDD = 12 V
7.8
V
reference node
Operating, 50% duty cycle
20
IVDD
VDD supply current
mA
Idle, reset mode
20
50% duty cycle
12
IGVDD_X
Gate-supply current per full-bridge
mA
Reset mode
3
50% duty cycle without load
15
IPVDD_X
Full-bridge idle current
RESET low
1.9
mA
VDD and GVDD_X at 0V
0.4
OUTPUT-STAGE MOSFETs
Drain-to-source resistance, low side
RDS(on), LS
40
m
(LS)
TJ = 25°C, excludes metallization resistance,
GVDD = 12 V
Drain-to-source resistance, high side
RDS(on), HS
40
m
(HS)
I/O PROTECTION
Vuvp,GVDD
8.5
V
Undervoltage protection limit, GVDD_X
Vuvp,GVDD, hyst
(1)
0.7
V
Vuvp,VDD
8.5
V
Undervoltage protection limit, VDD
Vuvp,VDD, hyst
(1)
0.7
V
Vuvp,PVDD
8.5
V
Undervoltage protection limit, PVDD_X
Vuvp,PVDD,hyst
(1)
0.7
V
OTW(1)
Overtemperature warning
115
125
135
°C
Temperature drop needed below OTW
OTWhyst
(1)
temperature for OTW to be inactive
25
°C
after OTW event.
OTE(1)
Overtemperature error
145
155
165
°C
(1)
Specified by design.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5624A


Similar Part No. - TAS5624A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5624A TI1-TAS5624A_16 Datasheet
1Mb / 39P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
More results

Similar Description - TAS5624A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5614LA TI1-TAS5614LA_14 Datasheet
942Kb / 32P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5624A TI1-TAS5624A Datasheet
963Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA Datasheet
952Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5624A TI1-TAS5624A_16 Datasheet
1Mb / 39P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5614LA TI-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5614LA 150-W Stereo and 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631 TI-TAS5631 Datasheet
1Mb / 33P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631 TI1-TAS5631_14 Datasheet
1Mb / 36P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com