Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9153EUI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9153EUI
Description  Low-Jitter, 800Mbps, 10-Port LVDS Repeaters with 100 ?쪫rive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9153EUI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9153EUI Datasheet HTML 3Page - Maxim Integrated Products MAX9153EUI Datasheet HTML 4Page - Maxim Integrated Products MAX9153EUI Datasheet HTML 5Page - Maxim Integrated Products MAX9153EUI Datasheet HTML 6Page - Maxim Integrated Products MAX9153EUI Datasheet HTML 7Page - Maxim Integrated Products MAX9153EUI Datasheet HTML 8Page - Maxim Integrated Products MAX9153EUI Datasheet HTML 9Page - Maxim Integrated Products MAX9153EUI Datasheet HTML 10Page - Maxim Integrated Products MAX9153EUI Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Low-Jitter, 800Mbps, 10-Port LVDS
Repeaters with 100
Drive
10
______________________________________________________________________________________
Figure 6. Power-Up/Down Delay Test Circuit
RIN+
1.05V
1.0V
1.05V
1.0V
RIN-
PWRDN
GENERATOR
50
DO1+
DO10+
DO10-
DO1-
1.2V
1.2V
RL
50
RL
50
RL
50
RL
50
CL
5pF
CL
5pF
CL
5pF
CL
5pF
MAX9153
MAX9154
Figure 7. Power-Up/Down Delay Waveforms
1.2V
1.2V
VDO_+ WHEN VID = +50mV
VDO_- WHEN VID = -50mV
VDO_+ WHEN VID = -50mV
VDO_- WHEN VID = +50mV
VCC
VOH
VOL
O
tPU
tPU
50%
50%
50%
50%
50%
tPD
tPD
50%
PWRDN
Test Circuits and Timing Diagrams (continued)


Similar Part No. - MAX9153EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9150 MAXIM-MAX9150 Datasheet
204Kb / 10P
   Low-Jitter, 10-Port LVDS Repeater
Rev 0;; 10//00
MAX9150 MAXIM-MAX9150 Datasheet
126Kb / 10P
   Low-Jitter, 10-Port LVDS Repeater
Rev 1; 3/09
MAX9150EUI MAXIM-MAX9150EUI Datasheet
204Kb / 10P
   Low-Jitter, 10-Port LVDS Repeater
Rev 0;; 10//00
MAX9150EUI MAXIM-MAX9150EUI Datasheet
126Kb / 10P
   Low-Jitter, 10-Port LVDS Repeater
Rev 1; 3/09
MAX9150 MAXIM-MAX9150_09 Datasheet
126Kb / 10P
   Low-Jitter, 10-Port LVDS Repeater
Rev 1; 3/09
More results

Similar Description - MAX9153EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9150 MAXIM-MAX9150_09 Datasheet
126Kb / 10P
   Low-Jitter, 10-Port LVDS Repeater
Rev 1; 3/09
MAX9150 MAXIM-MAX9150 Datasheet
204Kb / 10P
   Low-Jitter, 10-Port LVDS Repeater
Rev 0;; 10//00
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
   4-port lvds and 4-port TTL-to LVDS repeaters
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
STMicroelectronics
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May 2003
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104 Datasheet
414Kb / 24P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI1-SN65LVDS104 Datasheet
440Kb / 33P
[Old version datasheet]   4-Port LVDS and 4-Port TTL-to-LVDS Repeaters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com