Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5613A Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS5613A
Description  150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5613A Datasheet(HTML) 5 Page - Texas Instruments

  TAS5613A_15 Datasheet HTML 1Page - Texas Instruments TAS5613A_15 Datasheet HTML 2Page - Texas Instruments TAS5613A_15 Datasheet HTML 3Page - Texas Instruments TAS5613A_15 Datasheet HTML 4Page - Texas Instruments TAS5613A_15 Datasheet HTML 5Page - Texas Instruments TAS5613A_15 Datasheet HTML 6Page - Texas Instruments TAS5613A_15 Datasheet HTML 7Page - Texas Instruments TAS5613A_15 Datasheet HTML 8Page - Texas Instruments TAS5613A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TAS5613A
www.ti.com
SLAS711B
– JUNE 2010 – REVISED SEPTEMBER 2011
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
PVDD_x
Half-bridge supply
DC supply voltage
18
36
38
V
Supply for logic regulators and
GVDD_x
DC supply voltage
10.8
12
13.2
V
gate-drive circuitry
VDD
Digital regulator supply voltage
DC supply voltage
10.8
12
13.2
V
RL(BTL)
3.5
4
Output filter according to Figure 12 and
RL(SE)
Load impedance
2.8
3
Figure 13
RL(PBTL)
1.6
2
Output filter according to Figure 12 +
RL (BTL)
Load impedance
2.8
3
Ω
Schottky, ROC = 22kΩ
LOUT(BTL)
7
10
LOUT(SE)
Output filter inductance
Minimum output inductance at IOC
7
15
μH
LOUT(PBTL)
7
10
Nominal
385
400
415
PWM frame rate selectable for AM
FPWM
interference avoidance; 1%
AM1
315
333
350
kHz
Resistor tolerance
AM2
260
300
335
Nominal; Master mode
9.9
10
10.1
PWM frame rate programming
RFREQ_ADJ
AM1; Master mode
19.8
20
20.2
k
resistor
AM2; Master mode
29.7
30
30.3
CPVDD
PVDD close decoupling capacitors
2.0
μF
ROC
Over-current programming resistor
Resistor tolerance = 5%
22
30
k
ROC_LATCHED
Over-current programming resistor
Resistor tolerance = 5%
47
64
k
Voltage on FREQ_ADJ pin for
VFREQ_ADJ
Slave mode
3.3
V
slave mode operation
TJ
Junction temperature
0
125
°C
PIN FUNCTIONS
PIN
FUNCTION(1)
DESCRIPTION
NAME
PHD NO.
DKD NO.
AGND
8
10
P
Analog ground
BST_A
54
43
P
HS bootstrap supply (BST), external 0.033
μF capacitor to OUT_A required.
BST_B
41
34
P
HS bootstrap supply (BST), external 0.033
μF capacitor to OUT_B required.
BST_C
40
33
P
HS bootstrap supply (BST), external 0.033
μF capacitor to OUT_C required.
BST_D
27
24
P
HS bootstrap supply (BST), external 0.033
μF capacitor to OUT_D required.
CLIP
18
O
Clipping warning; open drain; active low
C_STARTUP
3
5
O
Startup ramp requires a charging capacitor of 4.7nF to GND
FREQ_ADJ
12
14
I
PWM frame rate programming pin requires resistor to GND
7, 23, 24,
GND
9
P
Ground
57, 58
GND_A
48, 49
38
P
Power ground for half-bridge A
GND_B
46, 47
37
P
Power ground for half-bridge B
GND_C
34, 35
30
P
Power ground for half-bridge C
GND_D
32, 33
29
P
Power ground for half-bridge D
GVDD_A
55
P
Gate drive voltage supply requires 0.1
μF capacitor to GND_A
GVDD_B
56
P
Gate drive voltage supply requires 0.1
μF capacitor to GND_B
GVDD_C
25
P
Gate drive voltage supply requires 0.1
μF capacitor to GND_C
GVDD_D
26
-
P
Gate drive voltage supply requires 0.1 uF capacitor to GND_D
GVDD_AB
44
P
Gate drive voltage supply requires 0.22
μF capacitor to GND_A/GND_B
GVDD_CD
23
P
Gate drive voltage supply requires 0.22
μF capacitor to GND_C/GND_D
(1)
I = Input, O = Output, P = Power
Copyright
© 2010–2011, Texas Instruments Incorporated
5


Similar Part No. - TAS5613A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
More results

Similar Description - TAS5613A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5614ADKDR TI1-TAS5614ADKDR Datasheet
1Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614 TI-TAS5614 Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5615 TI-TAS5615 Datasheet
1Mb / 30P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5615 TI-TAS5615_10 Datasheet
1Mb / 34P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com