Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4VAC13CW3 Datasheet(PDF) 5 Page - HB Electronic Components

Part No. 4VAC13CW3
Description  High radiometric power per LED
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HB [HB Electronic Components]
Homepage  http://www.hebeiltd.com.cn
Logo 

   
 5 page
background image
Part No.:
Note
1. Flux is measured with an accuracy of ±15%
2. Chromaticity Coordinates (x,y) is measured with an accuracy of ±0.01
3. Forward Voltage is measured with an accuracy of ± 0.2V
4. It is strongly recommended that the temperature of lead be not higher than 70
oC
WE1
WE2
WE3
WE4
WF1
WF2
WF3
WF4
WG1
WG2
WG3
WG4
WH1
WH2
WH3
WH4
WI1
WI2
WI3
WI4
WJ1
WJ2
WJ3
WJ4
WK1
WK2
WK3
WK4
WL1
WL2
WL3
WL4
WM1
WM2
WM3
WM4
WN1
WN2
WN3
WN4
WO1
WO2
WO3
WO4
WP1
WP2
WP3
WP4
X
Y
0.390 0.400
0.410
0.420 0.430 0.440
0.450 0.460
0.470 0.480 0.490
0.370
0.380
0.390
0.400
0.410
0.420
0.430
0.440
0.360
Blackbody Curve
SPECIFICATION
Hebei I.T. (Shanghai) Co., Lt d.
Page 5 of 7
Rev:B/3
www.ledz.com
4V AC1 3CW3




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl