Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8021 Datasheet(PDF) 3 Page - Solid State Optronic

Part # SM8021
Description  Built in active discharge circuit for fast turn-off
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SM8021 Datasheet(HTML) 3 Page - Solid State Optronic

  SM8021 Datasheet HTML 1Page - Solid State Optronic SM8021 Datasheet HTML 2Page - Solid State Optronic SM8021 Datasheet HTML 3Page - Solid State Optronic SM8021 Datasheet HTML 4Page - Solid State Optronic SM8021 Datasheet HTML 5Page - Solid State Optronic SM8021 Datasheet HTML 6Page - Solid State Optronic SM8021 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 7
SM8021 /H/S/TR
Rev 2.00 (11/12/2013)
001722
SM8021
Optically Coupled
Dual MOSFET Driver
w/Discharge Circuit
Process
Step
Description
Parameter
A
Preheat Start Temperature (ºC)
150ºC
B
Preheat Finish Temperature (ºC)
180ºC
C
Preheat Time (s)
90 - 120s
D
Melting Temperature (ºC)
230ºC
E
Time above Melting Temperature (s)
30s
F
Peak Temperature, at Terminal (ºC)
260ºC
G
Dwell Time at Peak Temperature (s)
10s
H
Cool-down (ºC/s)
<6ºC/s
SM8021 Solder Temperature Profile Recommendations
(1) Infrared Reflow:
Refer to the following figure as an example of an optimal temperature profile for single occurrence infrared reflow.
Soldering process should not exceed temperature or time limits expressed herein. Surface temperature of device
package should not exceed 250ºC:
A
B
C
D
F
E
G
H
(2) Wave Solder:
(3) Hand Solder:
Maximum Temperature:
260ºC
(at terminal)
Maximum Time:
10s
Pre-heating:
100 - 150ºC (30 - 90s)
Single Occurrence
Maximum Temperature:
350ºC
(at tip of soldering iron)
Maximum Time:
3s
Single Occurrence
Figure 1


Similar Part No. - SM8021

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802101 MICREL-SM802101 Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMG MICREL-SM802101UMG Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMGR MICREL-SM802101UMGR Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802104 MICREL-SM802104 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104UMG MICREL-SM802104UMG Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results

Similar Description - SM8021

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SM6002 SSOUSA-SM6002 Datasheet
248Kb / 7P
   Built in active discharge circuit for fast turn-off
SM6003 SSOUSA-SM6003 Datasheet
223Kb / 7P
   Built in active discharge circuit for fast turn-off
SM8026 SSOUSA-SM8026 Datasheet
240Kb / 7P
   Built in active discharge circuit for fast turn-off
SM8030 SSOUSA-SM8030 Datasheet
240Kb / 7P
   Built in active discharge circuit for fast turn-off
SM6010 SSOUSA-SM6010 Datasheet
223Kb / 7P
   Built in active discharge circuit for fast turn-off
SM4209 SSOUSA-SM4209 Datasheet
212Kb / 7P
   Built in active discharge circuit for fast turn-off
SM4204 SSOUSA-SM4204 Datasheet
212Kb / 7P
   Built in active discharge circuit for fast turn-off
SM6007 SSOUSA-SM6007 Datasheet
223Kb / 7P
   Built in active discharge circuit for fast turn-off
SM6008 SSOUSA-SM6008 Datasheet
223Kb / 7P
   Built in active discharge circuit for fast turn-off
SM6009 SSOUSA-SM6009 Datasheet
223Kb / 7P
   Built in active discharge circuit for fast turn-off
SM8022 SSOUSA-SM8022 Datasheet
240Kb / 7P
   Built in active discharge circuit for fast turn-off
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com