Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM6009 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SM6009
Description  Built in active discharge circuit for fast turn-off
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SM6009 Datasheet(HTML) 1 Page - Solid State Optronic

  SM6009 Datasheet HTML 1Page - Solid State Optronic SM6009 Datasheet HTML 2Page - Solid State Optronic SM6009 Datasheet HTML 3Page - Solid State Optronic SM6009 Datasheet HTML 4Page - Solid State Optronic SM6009 Datasheet HTML 5Page - Solid State Optronic SM6009 Datasheet HTML 6Page - Solid State Optronic SM6009 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
SM6009 /H/S/TR
Rev 2.00 (11/12/2013)
001720
Page 1 of 7
SM6009
Optically Coupled
MOSFET Driver
w/Discharge Circuit
Description
The SM6009 consists of an input drive LED optically
coupled to a photodiode array output designed to drive
highly capacitive loads, including the gate of a power
MOSFET. The active discharge circuit of the PDA assures
quick discharge of MOSFETs, providing fast turn-off times.
This device can be used in a wide variety of applications for
which high levels of input are required for a MOSFET
output.
The SM6009 comes standard in a miniature 6 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Isolated means to drive discrete power MOSFETs
Lighting Controls
Process Control Modules
Solid State Relays
Solenoid Controls
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …..….….……...………-40 to +85°C
Continuous Input Current ………..……………………..50mA
Transient Input Current ………..……….……………..400mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation ………..………………………40mW
Output Power Dissipation ……..……………………..400mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
SM6009
6 pin DIP, (50/Tube)
SM6009-H
5kVRMS Viso, 6 pin DIP, (50/Tube)
SM6009-S
6 pin SMD, (50/Tube)
SM6009-HS
5kVRMS, 6 pin SMD, (50/Tube)
SM6009-STR
6 pin SMD, Tape and Reel (1000/Reel)
SM6009-HSTR
5kVRMS, 6 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
Compact 6 pin DIP/SMD package
Built in active discharge circuit for fast turn-off
Fast Turn-On
12V Gate Drive Voltage
High Input-to-Output Isolation (up to 5kVRMS)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
1
2
5
6
(+) Input
(-) Input
Do Not Use
(+) DC Output
IC
3
4
Do Not Use
(-) DC Output
SM6009


Similar Part No. - SM6009

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
SM6009NSF SINOPWER-SM6009NSF Datasheet
162Kb / 11P
   N-Channel Enhancement Mode MOSFET
SM6009NSFC-TUG SINOPWER-SM6009NSFC-TUG Datasheet
162Kb / 11P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - SM6009

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SM6002 SSOUSA-SM6002 Datasheet
248Kb / 7P
   Built in active discharge circuit for fast turn-off
SM6003 SSOUSA-SM6003 Datasheet
223Kb / 7P
   Built in active discharge circuit for fast turn-off
SM8026 SSOUSA-SM8026 Datasheet
240Kb / 7P
   Built in active discharge circuit for fast turn-off
SM8030 SSOUSA-SM8030 Datasheet
240Kb / 7P
   Built in active discharge circuit for fast turn-off
SM6010 SSOUSA-SM6010 Datasheet
223Kb / 7P
   Built in active discharge circuit for fast turn-off
SM4209 SSOUSA-SM4209 Datasheet
212Kb / 7P
   Built in active discharge circuit for fast turn-off
SM4204 SSOUSA-SM4204 Datasheet
212Kb / 7P
   Built in active discharge circuit for fast turn-off
SM6007 SSOUSA-SM6007 Datasheet
223Kb / 7P
   Built in active discharge circuit for fast turn-off
SM6008 SSOUSA-SM6008 Datasheet
223Kb / 7P
   Built in active discharge circuit for fast turn-off
SM8022 SSOUSA-SM8022 Datasheet
240Kb / 7P
   Built in active discharge circuit for fast turn-off
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com