Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX912EPE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX912EPE
Description  Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX912EPE Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX912EPE Datasheet HTML 1Page - Maxim Integrated Products MAX912EPE Datasheet HTML 2Page - Maxim Integrated Products MAX912EPE Datasheet HTML 3Page - Maxim Integrated Products MAX912EPE Datasheet HTML 4Page - Maxim Integrated Products MAX912EPE Datasheet HTML 5Page - Maxim Integrated Products MAX912EPE Datasheet HTML 6Page - Maxim Integrated Products MAX912EPE Datasheet HTML 7Page - Maxim Integrated Products MAX912EPE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8
___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1994 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Single/Dual, Ultra-Fast, Low-Power,
Precision TTL Comparators
HYSTERESIS
BAND*
IN+
IN-
Q
* WHEN HYSTERESIS IS ADDED, A COMPARATOR CANNOT RESOLVE ANY INPUT SIGNAL WITHIN THE HYSTERESIS BAND.
WITH HYSTERESIS
IDEAL (WITHOUT HYSTERESIS)
.
.
.
.
.
.
.
.
.
.
.
.
..
Figure 2. Effect of Hysteresis on Input Resolution
supply pins, keeping leads short to minimize lead
inductance. For particularly noisy applications, use fer-
rite beads on the power-supply lines.
Board Layout
As with all high-speed components, careful attention to
layout is essential for best performance.
1) Use a printed circuit board with an unbroken
ground plane.
2) Pay close attention to the bandwidth of bypass
components and keep leads short.
3) Avoid sockets; solder the comparator and other
components directly to the board to minimize
unwanted parasitic inductance and capacitance.
Input Slew Rate
The MAX912/MAX913 design eliminates the input slew-
rate requirement imposed on many standard compara-
tors. As long as LE is high after the maximum propaga-
tion delay and the input is greater than the compara-
tor’s total DC error, the output will be valid without oscil-
lations.
Maximum Clock (LE) and Signal Rate
The maximum clock and signal rate is 70MHz, based
on the comparator’s rise and fall time with a 5mV over-
drive at +25°C (Figure 1). With a 20mV overdrive, the
maximum propagation delay is 12ns and the clock and
signal rate is 85MHz.
__________________________________________________________Chip Topographies
V-
LEA
LEB
GND
INB-
QB
0.071"
(1.80mm)
0.080"
(2.03mm)
INB+
INA+
INA-
GND
QB
QA QA
V+
V+
V-
LE
IN-
0.056"
(1.42mm)
0.058"
(1.47mm)
IN+
V+
Q
GND
Q
MAX913
MAX912
TRANSISTOR COUNT: 100;
SUBSTRATE CONNECTED TO V-.
TRANSISTOR COUNT: 197;
SUBSTRATE CONNECTED TO V-.


Similar Part No. - MAX912EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9120 MAXIM-MAX9120 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX9120 MAXIM-MAX9120 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9120ESA MAXIM-MAX9120ESA Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9120ESA++ MAXIM-MAX9120ESA+ Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9120EXK MAXIM-MAX9120EXK Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
More results

Similar Description - MAX912EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
logo
Texas Instruments
TL3116 TI1-TL3116_16 Datasheet
1Mb / 19P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3016CDR TI-TL3016CDR Datasheet
640Kb / 17P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3016 TI-TL3016 Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI-TL3116 Datasheet
213Kb / 13P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Maxim Integrated Produc...
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
MAX9010 MAXIM-MAX9010 Datasheet
330Kb / 12P
   SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
MAX9686 MAXIM-MAX9686_06 Datasheet
83Kb / 5P
   Single/Dual, Very Fast TTL Output Comparators
Rev 2; 6/90
MAX9686 MAXIM-MAX9686 Datasheet
1Mb / 4P
   Single/Dual Very Fast TTL Output Comparators
1989
MAX9107 MAXIM-MAX9107 Datasheet
313Kb / 10P
   25ns, Dual/Quad/Single, Low-Power, TTL Comparators
Rev. 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com