Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9119EXK Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9119EXK
Description  SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9119EXK Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9119EXK Datasheet HTML 3Page - Maxim Integrated Products MAX9119EXK Datasheet HTML 4Page - Maxim Integrated Products MAX9119EXK Datasheet HTML 5Page - Maxim Integrated Products MAX9119EXK Datasheet HTML 6Page - Maxim Integrated Products MAX9119EXK Datasheet HTML 7Page - Maxim Integrated Products MAX9119EXK Datasheet HTML 8Page - Maxim Integrated Products MAX9119EXK Datasheet HTML 9Page - Maxim Integrated Products MAX9119EXK Datasheet HTML 10Page - Maxim Integrated Products MAX9119EXK Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0V, CL = 15pF, VOVERDRIVE = 100mV, TA = +25°C, unless otherwise noted.)
SC70, 1.8V, Nanopower, Beyond-the-Rails
Comparators With/Without Reference
_______________________________________________________________________________________
7
10
30
20
50
40
70
60
80
020
10
30
40
50
INPUT OVERDRIVE (mV)
PROPAGATION DELAY (tPD-)
vs. INPUT OVERDRIVE
VCC = +3V
VCC = +5V
VCC = +1.8V
0
5
10
15
20
25
30
35
40
0
1020304050
INPUT OVERDRIVE (mV)
VCC = +5V
VCC = +3V
VCC = +1.8V
MAX9117/MAX9119
PROPAGATION DELAY (tPD+)
vs. INPUT OVERDRIVE
10
100
1000
10,000
MAX9118/MAX9120
PROPAGATION DELAY (tPD-)
vs. PULLUP RESISTANCE
RPULLUP (k
Ω)
15
9
10
11
12
13
14
VCC = +5V
VCC = +1.8V
VCC = +3V
10
100
1000
10,000
MAX9118/MAX9120
PROPAGATION DELAY (tPD+)
vs. PULLUP RESISTANCE
RPULLUP (k
Ω)
100
0
20
40
60
80
VCC = +5V
VCC = +1.8V
VCC = +3V
IN+
(50mV/div)
OUT
(2V/div)
PROPAGATION DELAY (tPD-)
(VCC = +5V)
20
µs/div
MAX9117-20 toc27
OV
OV
8
14
12
10
16
18
20
22
24
26
28
TEMPERATURE (
°C)
PROPAGATION DELAY (tPD-)
vs. TEMPERATURE
-40
10
-15
35
60
85
VCC = +1.8V
VCC = +3V
VCC = +5V
0
20
10
40
30
50
60
MAX9117/MAX9119
PROPAGATION DELAY (tPD+)
vs. TEMPERATURE
-40
10
-15
35
60
85
TEMPERATURE (
°C)
VCC = +5V
VCC = +1.8V
VCC = +3V
200
0
0.01
0.1
1
10
100
1000
40
CAPACITIVE LOAD (nF)
80
120
160
20
60
100
140
180
PROPAGATION DELAY (tPD-)
vs. CAPACITIVE LOAD
VCC = +5V
VCC = +1.8V
VCC = +3V
0.01
0.1
1
10
100
1000
CAPACITIVE LOAD (nF)
MAX9117/MAX9119
PROPAGATION DELAY (tPD+)
vs. CAPACITIVE LOAD
0
40
20
100
80
60
140
160
120
180
VCC = +5V
VCC = +1.8V
VCC = +3V


Similar Part No. - MAX9119EXK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9119EXK MAXIM-MAX9119EXK Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9119EXK-T MAXIM-MAX9119EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
More results

Similar Description - MAX9119EXK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
logo
3PEAK INC.
TP2021 3PEAK-TP2021 Datasheet
501Kb / 20P
   SC70, 1.8V, Nano-power Comparators with Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com