Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9125 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9125
Description  Quad LVDS Line Receivers with Integrated Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9125 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9125 Datasheet HTML 4Page - Maxim Integrated Products MAX9125 Datasheet HTML 5Page - Maxim Integrated Products MAX9125 Datasheet HTML 6Page - Maxim Integrated Products MAX9125 Datasheet HTML 7Page - Maxim Integrated Products MAX9125 Datasheet HTML 8Page - Maxim Integrated Products MAX9125 Datasheet HTML 9Page - Maxim Integrated Products MAX9125 Datasheet HTML 10Page - Maxim Integrated Products MAX9125 Datasheet HTML 11Page - Maxim Integrated Products MAX9125 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Fail-Safe
The fail-safe feature of the MAX9125/MAX9126 sets the
output high when:
• Inputs are open.
• Inputs are undriven and shorted.
• Inputs are undriven and terminated.
A fail-safe circuit is important because under these
conditions, noise at the inputs may switch the receiver
and it may appear to the system that data is being
received. Open or undriven terminated input conditions
can occur when a cable is disconnected or cut, or
when the LVDS driver outputs are high impedance. A
short condition can occur because of a cable failure.
The fail-safe input network (Figure 1) samples the input
common-mode voltage and compares it to VCC - 0.3V
(nominal). When the input is driven to levels specified in
the LVDS standards, the input common-mode voltage
is less than VCC - 0.3V and the fail-safe circuit is not
activated. If the inputs are open or if the inputs are
undriven and shorted or undriven and parallel terminat-
ed, there is no input current. In this case, a pullup resis-
tor in the fail-safe circuit pulls both inputs above VCC -
0.3V, activating the fail-safe circuit and forcing the out-
put high.
Applications Information
Power-Supply Bypassing
Bypass the VCC pin with high-frequency surface-mount
ceramic 0.1µF and 0.001µF capacitors in parallel, as
close to the device as possible, with the smaller valued
capacitor closest to VCC.
Differential Traces
Input trace characteristics affect the performance of the
MAX9125/MAX9126. Use controlled-impedance PC
board traces to match the cable characteristic imped-
ance. The termination resistor is also matched to this
characteristic impedance.
Eliminate reflections and ensure that noise couples as
common mode by running the differential traces close
together. Reduce skew by matching the electrical
length of the traces. Excessive skew can result in a
degradation of magnetic field cancellation.
Each channel’s differential signals should be routed
close to each other to cancel their external magnetic
field. Maintain a constant distance between the differ-
ential traces to avoid discontinuities in differential
impedance. Avoid 90° turns and vias to further prevent
impedance discontinuities.
Cables and Connectors
Transmission media typically have a controlled differen-
tial impedance of 100
Ω. Use cables and connectors
Quad LVDS Line Receivers with
Integrated Termination
8
_______________________________________________________________________________________
1.5V
EN WHEN EN = VCC
EN WHEN EN = GND
OUTPUT WHEN
VID = -100mV
OUTPUT WHEN
VID = +100mV
1.5V
1.5V
0.5V
0.5V
tPLZ
tPHZ
tPZL
tPZH
1.5V
3V
0
3V
VCC
VOL
VOH
GND
0
50%
50%
Figure 5. High-Z Delay Waveforms


Similar Part No. - MAX9125

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX912 MAXIM-MAX912 Datasheet
93Kb / 8P
   Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
Rev 1; 1/94
MAX9120 MAXIM-MAX9120 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX9120 MAXIM-MAX9120 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9120ESA MAXIM-MAX9120ESA Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9120ESA++ MAXIM-MAX9120ESA+ Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
More results

Similar Description - MAX9125

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9121 MAXIM-MAX9121 Datasheet
231Kb / 12P
   Quad LVDS Line Receivers with Integrated Termination and Flow-Through Pinout
Rev 0; 6/01
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
   Quad LVDS Receivers
logo
Pericom Semiconductor C...
PI90LV048A PERICOM-PI90LV048A_09 Datasheet
335Kb / 6P
   3V LVDS Quad Flow-Through Differential Line Receivers
PI90LV048A PERICOM-PI90LV048A Datasheet
154Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Receivers
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
logo
ON Semiconductor
MC1489 ONSEMI-MC1489 Datasheet
98Kb / 10P
   Quad Line Receivers
April, 2004 ??Rev. 8
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1489 ARTSCHIP-MC1489 Datasheet
2Mb / 9P
   QUAD LINE RECEIVERS
logo
Texas Instruments
SN65MLVD048 TI-SN65MLVD048_1 Datasheet
696Kb / 20P
[Old version datasheet]   QUAD CHANNEL M-LVDS RECEIVERS
SN65MLVD048 TI-SN65MLVD048 Datasheet
480Kb / 18P
[Old version datasheet]   QUAD CHANNEL M-LVDS RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com