Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9043AEUB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9043AEUB
Description  Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9043AEUB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9043AEUB Datasheet HTML 1Page - Maxim Integrated Products MAX9043AEUB Datasheet HTML 2Page - Maxim Integrated Products MAX9043AEUB Datasheet HTML 3Page - Maxim Integrated Products MAX9043AEUB Datasheet HTML 4Page - Maxim Integrated Products MAX9043AEUB Datasheet HTML 5Page - Maxim Integrated Products MAX9043AEUB Datasheet HTML 6Page - Maxim Integrated Products MAX9043AEUB Datasheet HTML 7Page - Maxim Integrated Products MAX9043AEUB Datasheet HTML 8Page - Maxim Integrated Products MAX9043AEUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micropower, Single-Supply,
SOT23 Comparator + Precision Reference ICs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—A Grade (0.4% initial accuracy) (continued)
(VCC = +5V, VEE = 0, VCM = 0, IOUT = 0, IREF = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 1)
ELECTRICAL CHARACTERISTICS—B Grade (1% initial accuracy)
(VCC = +5V, VEE = 0, VCM = 0, IOUT = 0, IREF = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 1)
2.7V
≤ VCC ≤ 5.5V, MAX9050–MAX9053
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CL = 15pF,
VCC = 2.7V
CL = 200pF
CL = 50pF
CL = 15pF
ns
450
tPD+/tPD-
Output Propagation Delay
(Note 8)
80
ns
50
Output Rise/Fall Times
40
tR/tF
TA = +25°C
Time to VOUT valid logic state
V
2.040
2.048
2.056
VREF
Output Voltage
µs
20
tPU
Power-Up Time
2.5V
≤ VCC ≤ 5.5V, MAX9040–MAX9043
µV/µA
∆VREF/
∆IREF
Load Regulation
+50
+200
µV/V
+50
+200
∆VREF/
∆VCC
Line Regulation
ppm/°C
630
TCVREF
Output Voltage Temperature
Coefficient (Note 9)
2.490
2.500
2.510
50mV overdrive
MAX9040–MAX9043
MAX9050–MAX9053
1000h at TA = +25°C
VREF = VEE or VCC
Sourcing: 0
≤ IREF ≤ 500µA
50
Long-Term Stability
ppm
130
THYST
Thermal Hysteresis (Note 10)
mA
4
ISC
Output Short-Circuit Current
24
400
100mV overdrive
f = 0.1Hz to 10Hz
µVp-p
40
EOUT
Noise Voltage
To VREF = 1% of final value
VCC = 5V ±100mV, f = 120Hz
f = 10Hz to 10kHz
nF
0
4.7
CL(VREF)
Capacitive Load Stability Range
(Note 6)
µs
200
tR(VREF)
Turn-On Settling Time
dB
84
∆VREF/
∆VCC
Ripple Rejection
µVRMS
105
ppm
3.5
6
Sinking: -500µA
≤ IREF ≤ 0
VOLTAGE REFERENCE
VCC
ICC
SYMBOL
VCC = 5.0V
VCC = 2.7V
VCC = 5.0V
VCC = 2.7V
MAX9040/MAX9041/
MAX9050/MAX9051
MAX9050–MAX9053
MAX9040–MAX9043
MAX9042/MAX9043/
MAX9052/MAX9053
CONDITIONS
40
2.7
5.5
V
2.5
5.5
Supply Voltage Range (Note 2)
45
100
µA
55
Supply Current
60
130
UNITS
MIN
TYP
MAX
PARAMETER


Similar Part No. - MAX9043AEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9043AEUB MAXIM-MAX9043AEUB Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
More results

Similar Description - MAX9043AEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9039 MAXIM-MAX9039 Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
MAX9043 MAXIM-MAX9043 Datasheet
417Kb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 1; 10/04
MAX9038 MAXIM-MAX9038 Datasheet
1Mb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
19-1569; Rev 10; 1/17
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300 Datasheet
904Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com