Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX901A Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX901A
Description  High-Speed, Low-Power Voltage Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX901A Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX901A Datasheet HTML 4Page - Maxim Integrated Products MAX901A Datasheet HTML 5Page - Maxim Integrated Products MAX901A Datasheet HTML 6Page - Maxim Integrated Products MAX901A Datasheet HTML 7Page - Maxim Integrated Products MAX901A Datasheet HTML 8Page - Maxim Integrated Products MAX901A Datasheet HTML 9Page - Maxim Integrated Products MAX901A Datasheet HTML 10Page - Maxim Integrated Products MAX901A Datasheet HTML 11Page - Maxim Integrated Products MAX901A Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
High-Speed, Low-Power Voltage Comparators
_______________________________________________________________________________________
9
Definitions of Terms
VOS
Input Offset Voltage: Voltage applied
between the two input terminals to obtain
TTL-logic threshold (+1.4V) at the
output.
tpd+ (D)
Latch Disable-to-Output High Delay:
The propagation delay measured from
the latch-signal crossing the TTL
threshold in a low-to-high transition to
the point of the output crossing TTL
threshold in a low-to-high transition.
VIN
Input Voltage Pulse Amplitude: Usually
set to 100mV for comparator
specifications.
tpd- (D)
Latch Disable-to-Output Low Delay:
The propagation delay measured from
the latch-signal crossing the TTL
threshold in a low-to-high transition to
the point of the output crossing TTL
threshold in a high-to-low transition.
VOD
Input Voltage Overdrive: Usually set to
5mV and in opposite polarity to VIN for
comparator specifications.
ts
Minimum Setup Time: The minimum
time before the negative transition of the
latch signal that an input signal change
must be present in order to be acquired
and held at the outputs.
tpd+
Input-to-Output High Delay: The
propagation delay measured from the
time the input signal crosses the input
offset voltage to the TTL-logic threshold
of an output low-to-high transition
th
Minimum Hold Time: The minimum time
after the negative transition of the latch
signal that an input signal must remain
unchanged in order to be acquired and
held at the output.
tpd-
Input-to-Output Low Delay: The
propagation delay measured from the
time the input signal crosses the input
offset voltage to the TTL-logic threshold
of an output high-to-low transition.
tpw (D)
Minimum Latch-Disable Pulse Width:
The minimum time that the latch signal
must remain high in order to acquire and
hold an input-signal change.


Similar Part No. - MAX901A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9010 MAXIM-MAX9010 Datasheet
330Kb / 12P
   SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
MAX9010EXT-T MAXIM-MAX9010EXT-T Datasheet
330Kb / 12P
   SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
MAX9011 MAXIM-MAX9011 Datasheet
330Kb / 12P
   SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
MAX9011EUT-T MAXIM-MAX9011EUT-T Datasheet
330Kb / 12P
   SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
MAX9012 MAXIM-MAX9012 Datasheet
330Kb / 12P
   SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
More results

Similar Description - MAX901A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2901H STMICROELECTRONICS-LM2901H Datasheet
431Kb / 7P
   High Temperature Low Power Quad Voltage Comparators
LM2901H STMICROELECTRONICS-LM2901H_08 Datasheet
344Kb / 9P
   High temperature low power quad voltage comparators
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
629Kb / 7P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
   Low power quad voltage comparators
ver.07
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_08 Datasheet
131Kb / 9P
   Low power dual voltage comparators
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
   Low-power quad voltage comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com