Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9111ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9111ESA
Description  Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9111ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9111ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 9Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 10Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Single/Dual LVDS Line Receivers with
Ultra-Low Pulse Skew in SOT23
_______________________________________________________________________________________
7
_______________Detailed Description
LVDS Inputs
The MAX9111/MAX9113 feature LVDS inputs for inter-
facing high-speed digital circuitry. The LVDS interface
standard is a signaling method intended for point-to-
point communication over a controlled impedance
media, as defined by the ANSI/EIA/TIA-644 standards.
The technology uses low-voltage signals to achieve fast
transition times, minimize power dissipation, and noise
immunity. Receivers such as the MAX9111/MAX9113
convert LVDS signals to CMOS/LVTTL signals at rates
in excess of 500Mbps. The devices are capable of
detecting differential signals as low as 100mV and as
high as 1V within a 0V to 2.4V input voltage range . The
LVDS standard specifies an input voltage range of 0 to
2.4V referenced to ground.
Fail-Safe
The fail-safe feature sets the output to a high state
when the inputs are undriven and open, terminated, or
shorted. When using one channel in the MAX9113,
leave the unused channel open.
ESD Protection
As with all Maxim devices, ESD-protection structures are
incorporated on all pins to protect against electrostatic
discharges encountered during handling and assembly.
The receiver inputs of the MAX9111/MAX9113 have extra
protection against static electricity. Maxim’s engineers
have developed state-of-the-art structures to protect
these pins against ESD of ±11kV without damage. The
ESD structures withstand high ESD in all states: normal
operation, shutdown, and powered down.
ESD protection can be tested in various ways; the
receiver inputs of this product family are characterized
for protection to the limit of ±11kV using the Human
Body Model.
Human Body Model
Figure 3a shows the Human Body Model, and Figure
3b shows the current waveform it generates when dis-
charged into a low impedance. This model consists of
a 100pF capacitor charged to the ESD voltage of inter-
est, which is then discharged into the test device
through a 1.5k
Ω resistor.
Pin Description
PIN
MAX9111
MAX9113
SOT23-8
SO-8
SOT23-8
SO-8
NAME
FUNCTION
1818
VCC
Power Supply
2525
GND
Ground
8181
IN-/IN1-
Receiver Inverting Differential Input
7272
IN+/IN1+
Receiver Noninverting Differential Input
——
5
4
IN2-
Receiver Inverting Differential Input
——
6
3
IN2+
Receiver Noninverting Differential Input
3737
OUT/OUT1
Receiver Output
——
4
6
OUT2
Receiver Output
4, 5, 6
3, 4, 6
——
N.C.
No Connection. Not internally connected.


Similar Part No. - MAX9111ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9111ESA MAXIM-MAX9111ESA Datasheet
116Kb / 10P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 3; 3/09
MAX9111ESA MAXIM-MAX9111ESA Datasheet
1Mb / 12P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
19-1803; Rev 7; 6/19
More results

Similar Description - MAX9111ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9111 MAXIM-MAX9111_V01 Datasheet
1Mb / 12P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
19-1803; Rev 7; 6/19
MAX9111 MAXIM-MAX9111_09 Datasheet
116Kb / 10P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 3; 3/09
MAX9110 MAXIM-MAX9110 Datasheet
193Kb / 8P
   Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 9/00
MAX9112EKAT MAXIM-MAX9112EKAT Datasheet
161Kb / 8P
   Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 9/00
MAX9110 MAXIM-MAX9110_V01 Datasheet
1Mb / 9P
   Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
19-1771; Rev 1; 9/19
MAX9171 MAXIM-MAX9171 Datasheet
185Kb / 11P
   SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Rev 0; 10/02
logo
ams AG
AS1153 AMSCO-AS1153 Datasheet
291Kb / 15P
   Single/Dual LVDS Receivers
logo
Maxim Integrated Produc...
MAX9171 MAXIM-MAX9171_07 Datasheet
291Kb / 12P
   Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Rev 2; 6/07
MAX9125 MAXIM-MAX9125 Datasheet
226Kb / 12P
   Quad LVDS Line Receivers with Integrated Termination
Rev 0; 5/01
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
[Old version datasheet]   SINGLE M-LVDS RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com