Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9111ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9111ESA
Description  Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9111ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9111ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9111ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Single/Dual LVDS Line Receivers with
Ultra-Low Pulse Skew in SOT23
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, magnitude of input voltage, |VID| = +0.1V to +1.0V, VCM = |VID|/2 to (2.4V - (|VID|/2)), TA = -40°C to +85°C.
Typical values are at VCC = +3.3V and TA = +25°C, unless otherwise noted.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +4V
IN_ _ to GND .........................................................-0.3V to +3.9V
OUT_ _ to GND...........................................-0.3V to (VCC + 0.3V)
ESD Protection All Pins
(Human Body Model, IN_+, IN_-) ..................................±11kV
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23 (derate 7.52mW/°C above +70°C)..........602mW
8-Pin SO (derate 5.88mW°C above +70°C).................471mW
Operating Temperature Ranges
MAX911_E .......................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Input High Threshold
(Note 3)
VTH
VCM = 0.05V, 1.2V, 2.75V at 3.3V
100
mV
Differential Input Low Threshold
(Note 3)
VTL
VCM = 0.05V, 1.2V, 2.75V at 3.3V
-100
mV
Differential Input Resistance
RDIFF
VCM = 0.2V or 2.2V, VID = ±0.4V,
VCC = 0 or 3.6V
518
k
VID = +200mV
2.7
Inputs shorted,
undriven
2.7
Output High Voltage (OUT_)
VOH
IOH = -4mA
100
Ω parallel
termination,
undriven
2.7
V
Output Low Voltage (OUT_)
VOL
IOL = 4mA, VID = -200mV
0.4
Output Short-Circuit Current
IOS
VID = +200mV, VOUT_ = 0
-100
mA
MAX9111
4.2
6
No-Load Supply Current
ICC
Inputs open
MAX9113
8.7
11
mA


Similar Part No. - MAX9111ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9111ESA MAXIM-MAX9111ESA Datasheet
116Kb / 10P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 3; 3/09
MAX9111ESA MAXIM-MAX9111ESA Datasheet
1Mb / 12P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
19-1803; Rev 7; 6/19
More results

Similar Description - MAX9111ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9111 MAXIM-MAX9111_V01 Datasheet
1Mb / 12P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
19-1803; Rev 7; 6/19
MAX9111 MAXIM-MAX9111_09 Datasheet
116Kb / 10P
   Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 3; 3/09
MAX9110 MAXIM-MAX9110 Datasheet
193Kb / 8P
   Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 9/00
MAX9112EKAT MAXIM-MAX9112EKAT Datasheet
161Kb / 8P
   Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 9/00
MAX9110 MAXIM-MAX9110_V01 Datasheet
1Mb / 9P
   Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
19-1771; Rev 1; 9/19
MAX9171 MAXIM-MAX9171 Datasheet
185Kb / 11P
   SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Rev 0; 10/02
logo
ams AG
AS1153 AMSCO-AS1153 Datasheet
291Kb / 15P
   Single/Dual LVDS Receivers
logo
Maxim Integrated Produc...
MAX9171 MAXIM-MAX9171_07 Datasheet
291Kb / 12P
   Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Rev 2; 6/07
MAX9125 MAXIM-MAX9125 Datasheet
226Kb / 12P
   Quad LVDS Line Receivers with Integrated Termination
Rev 0; 5/01
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
[Old version datasheet]   SINGLE M-LVDS RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com