Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR3364-QEG Datasheet(PDF) 9 Page - United Monolithic Semiconductors

Part # CHR3364-QEG
Description  17-24GHz Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3364-QEG Datasheet(HTML) 9 Page - United Monolithic Semiconductors

Back Button CHR3364-QEG_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 9Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 10Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 11Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 12Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 13Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
17-24GHz Down Converter
CHR3364-QEG
Ref. : DSCHR3364-QEG1192 - 11 Jul 11
9/14
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Temperature Board Measurements
T = [-40, +25, +85] °C, VD = VDL = 4.0V, VGL = -0.5V, VGM = -0.7V, PLO = 0dBm
Input IP3 in Supradyne Mode versus RF Frequency
FRF = 2xFLO+FIF, FIF = 3.5GHz
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
-27
-25
-23
-21
-19
-17
-15
-13
-11
-9
Input Power DCL (dBm)
85°C @19.5GHz
25°C @19.5GHz
-40°C @19.5GHz
85°C @23.5GHz
25°C @23.5GHz
-40°C @23.5GHz


Similar Part No. - CHR3364-QEG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3362-QEG UMS-CHR3362-QEG Datasheet
626Kb / 16P
   10-16GHz Integrated Down Converter
CHR3362-QEG20 UMS-CHR3362-QEG20 Datasheet
626Kb / 16P
   10-16GHz Integrated Down Converter
CHR3362-QEG21 UMS-CHR3362-QEG21 Datasheet
626Kb / 16P
   10-16GHz Integrated Down Converter
More results

Similar Description - CHR3364-QEG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3663-QEG UMS-CHR3663-QEG_11 Datasheet
451Kb / 18P
   17-24GHz Integrated Down Converter
CHR3663-QEG UMS-CHR3663-QEG_15 Datasheet
475Kb / 18P
   17-24GHz Integrated Down Converter
CHR2293 UMS-CHR2293 Datasheet
97Kb / 4P
   20-24GHz Integrated Down Converter
CHR2293 UMS-CHR2293_05 Datasheet
72Kb / 4P
   20-24GHz Integrated Down Converter
CHR2293 UMS-CHR2293_11 Datasheet
96Kb / 4P
   20-24GHz Integrated Down Converter
CHR3663-QEG UMS-CHR3663-QEG Datasheet
453Kb / 16P
   17-24GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
CHA2090 UMS-CHA2090 Datasheet
130Kb / 8P
   17-24GHz Low Noise Amplifier
CHA4253AQQG UMS-CHA4253AQQG_15 Datasheet
659Kb / 14P
   17- 24GHz Medium Power Amplifier
CHR3664-QEG UMS-CHR3664-QEG_15 Datasheet
787Kb / 22P
   17-27GHz Down-Converter
CHR3664-QEG UMS-CHR3664-QEG Datasheet
775Kb / 22P
   17-27GHz Down-Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com