Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9115 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9115
Description  Single LVDS Line Receiver in SC70
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9115 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9115 Datasheet HTML 1Page - Maxim Integrated Products MAX9115 Datasheet HTML 2Page - Maxim Integrated Products MAX9115 Datasheet HTML 3Page - Maxim Integrated Products MAX9115 Datasheet HTML 4Page - Maxim Integrated Products MAX9115 Datasheet HTML 5Page - Maxim Integrated Products MAX9115 Datasheet HTML 6Page - Maxim Integrated Products MAX9115 Datasheet HTML 7Page - Maxim Integrated Products MAX9115 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX9115 is a single low-voltage differential signal-
ing (LVDS) line receiver ideal for applications requiring
high data rates, low power, and low noise. The device
is guaranteed to receive data at speeds up to 200Mbps
(100MHz).
The MAX9115 accepts an LVDS differential input and
translates it to an LVTTL/LVCMOS output. The fail-safe
feature sets the output high when the inputs are undriv-
en and open, terminated, or shorted. The device sup-
ports a wide common-mode input range, allowing a
ground potential difference and common-mode noise
between the driver and the receiver. The MAX9115
conforms to the ANSI TIA/EIA-644 LVDS standard.
The MAX9115 operates from a single +3.3V supply,
and is specified for operation from -40°C to +85°C. It is
available in a space-saving 5-pin SC70 package. Refer
to the MAX9110/MAX9112 data sheet for single/dual
LVDS line drivers.
Applications
Clock Distribution
Cellular Phone Base Stations
Digital Cross-Connects
Network Switches/Routers
DSLAMs
Laser Printers
Features
o Space-Saving SC70 Package (50% Smaller than
SOT23)
o Guaranteed 200Mbps Data Rate
o Low 350ps (max) Pulse Skew
o High-Impedance LVDS Inputs When Powered Off
Allow Hot Swapping
o Conforms to ANSI TIA/EIA-644 LVDS Standard
o Single +3.3V Supply
o Fail-Safe Circuit Sets Output High for Undriven
Inputs (Open, Terminated, or Shorted)
o Low 150µA (typ) Supply Current in Fail-Safe Mode
Single LVDS Line Receiver in SC70
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-1995; Rev 0; 4/01
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP.
RANGE
PIN-
PACKAGE
TOP
MARK
MAX9115EXK-T
-40°C to +85°C
5 SC70-5
ACI
MAX9115
Rx
Tx
CLOCK
INPUT
CLOCK
SOURCE
CLOCK
INPUT
CLOCK
INPUT
MAX9115
Rx
LVDS SIGNALS
REFERENCE CLOCK DISTRIBUTION
USING MAX9115 IN A MULTIDROP CONFIGURATION
MAX9115
Rx
100
TERMINATION
Typical Application Circuit
GND
IN+
IN-
15
OUT
VCC
MAX9115
SC70
TOP VIEW
2
34
Rx
Pin Configuration


Similar Part No. - MAX9115

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9110 MAXIM-MAX9110 Datasheet
193Kb / 8P
   Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 9/00
MAX9110 MAXIM-MAX9110 Datasheet
1Mb / 9P
   Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
19-1771; Rev 1; 9/19
MAX9110EKA+T MAXIM-MAX9110EKA+T Datasheet
1Mb / 9P
   Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
19-1771; Rev 1; 9/19
MAX9110EKA-T MAXIM-MAX9110EKA-T Datasheet
193Kb / 8P
   Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 9/00
MAX9110EKA-T MAXIM-MAX9110EKA-T Datasheet
161Kb / 8P
   Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 9/00
More results

Similar Description - MAX9115

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9130 MAXIM-MAX9130 Datasheet
145Kb / 8P
   Single 500Mbps LVDS Line Receiver in SC70
Rev 0; 10/01
MAX9130EXT MAXIM-MAX9130EXT Datasheet
147Kb / 8P
   Single 500Mbps LVDS Line Receiver in SC70
Rev 0; 10/01
logo
Texas Instruments
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A TI1-DS90LV018A_13 Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A_08 Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A NSC-DS90LV018A_05 Datasheet
684Kb / 9P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV012A NSC-DS90LV012A Datasheet
162Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
logo
Maxim Integrated Produc...
MAX9159 MAXIM-MAX9159 Datasheet
147Kb / 7P
   Dual LVDS Line Receiver
19-2274; Rev 0; 1/02
logo
Texas Instruments
DS90LV018ATMX TI-DS90LV018ATMX Datasheet
1,018Kb / 17P
[Old version datasheet]   DS90LV018A 3V LVDS Single CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com