Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR2296 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHR2296
Description  36-40GHz Integrated Down Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2296 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHR2296 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHR2296
RoHS COMPLIANT
Ref. : DSCHR22961192 - 11 Jul 11
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
36-40GHz Integrated Down Converter
GaAs Monolithic Microwave IC
Description
The CHR2296 is a multifunction chip which
integrates a LO time two multiplier, a
balanced cold FET mixer, and a RF LNA. It
is designed for a wide range of applications,
typically
commercial
communication
systems. The backside of the chip is both RF
and DC grounds. This helps simplify the
assembly process.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length, via holes
through the substrate, air bridges and
electron beam gate lithography.
It is available in chip form.
Main Features
 Broadband performances: 36-40GHz
 11 dB conversion gain
 5dB noise figure, for IF>0.1GHz
 10dBm LO input power
 -10dBm RF input power (1dB gain comp.)
 Low DC power consumption, 110mA@3.5V
 Chip size:
2.49 X 1.97 X 0.10mm
Typical on wafer measurement:
Conversion Gain & Image suppression
@ IF=1GHz
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
36
40
GHz
FLO
LO frequency range
17
20
GHz
FIF
IF frequency range
DC
1.5
GHz
Gc
Conversion gain
9
11
dB
ESD Protection: Electrostatic discharge sensitive device. Observe handling precautions!
-28
-24
-20
-16
-12
-8
-4
0
4
8
12
16
34
35
36
37
38
39
40
2*LO Frequency (GHz)
Gc_channel_inf_rf-
Gc_channel_sup_rf-
Gc_channel_inf_rf+
Gc_channel_sup_rf+
LO
Q
I
GM
GB
VDM
VDL
GX
VGA
RF


Similar Part No. - CHR2296

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2296 UMS-CHR2296 Datasheet
119Kb / 5P
   36- 40GHz Integrated Down Converter
CHR2296 UMS-CHR2296 Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
CHR2296-99F UMS-CHR2296-99F Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
CHR2296-99F/00 UMS-CHR2296-99F/00 Datasheet
119Kb / 5P
   36- 40GHz Integrated Down Converter
CHR2296-99F00 UMS-CHR2296-99F00 Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
More results

Similar Description - CHR2296

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2296 UMS-CHR2296_11 Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
CHR2296 UMS-CHR2296 Datasheet
119Kb / 5P
   36- 40GHz Integrated Down Converter
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR3394-QEG UMS-CHR3394-QEG_15 Datasheet
450Kb / 14P
   37-40GHz Integrated Down Converter
CHR3894-98F UMS-CHR3894-98F Datasheet
518Kb / 12P
   37-40GHz Integrated Down Converter
CHR3894-98F UMS-CHR3894-98F_15 Datasheet
530Kb / 12P
   37-40GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
   37-40GHz Integrated Down Converter
MFC-PO13811 UMS-MFC-PO13811 Datasheet
186Kb / 4P
   37-40GHz Integrated Down converter
CHR3694-QDG UMS-CHR3694-QDG_11 Datasheet
538Kb / 18P
   37-40GHz Integrated Down converter
CHR3894-QEG UMS-CHR3894-QEG_15 Datasheet
389Kb / 14P
   37-40GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com