Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR1080A98F Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHR1080A98F
Description  71-86GHz Down-converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR1080A98F Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHR1080A98F Datasheet HTML 1Page - United Monolithic Semiconductors CHR1080A98F Datasheet HTML 2Page - United Monolithic Semiconductors CHR1080A98F Datasheet HTML 3Page - United Monolithic Semiconductors CHR1080A98F Datasheet HTML 4Page - United Monolithic Semiconductors CHR1080A98F Datasheet HTML 5Page - United Monolithic Semiconductors CHR1080A98F Datasheet HTML 6Page - United Monolithic Semiconductors CHR1080A98F Datasheet HTML 7Page - United Monolithic Semiconductors CHR1080A98F Datasheet HTML 8Page - United Monolithic Semiconductors CHR1080A98F Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
71-86GHz Down-converter
CHR1080a98F
Ref. : DSCHR1080a5093 - 03 Apr 15
3/12
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Absolute Maximum Ratings
(1)
Tamb.= +25°C
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
4V
V
Idt
Drain bias current
240
mA
Vg
Gate bias voltage
-3.0 to -1.4
V
Pin_LO
Maximum LO peak input power overdrive
(2)
+10
dBm
Tj
Junction temperature
175
°C
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +150
°C
(1) Operation of this device above anyone of these parameters may cause permanent
damage.
(2) Duration < 1s.
Typical Bias Conditions
Tamb.= +25°C
Pad name
Pad N
o
Parameter
Typical
Values
Unit
GRF
6
LNA DC gate voltage
(1)
-2
V
DRF
7
LNA DC drain voltage (90mA)
3.5
V
GX
8
Mixer DC gate voltage
-2
V
DLO
10
LO Buffer DC drain voltage (85mA)
3.5
V
GLO
12
LO Buffer DC gate voltage
-2.2
V
5, 9, 11
Not connected
(1) LNA gate voltage could be adjusted between -3.0V and -1.4V to perform gain control


Similar Part No. - CHR1080A98F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHR1011 ETC2-CHR1011 Datasheet
137Kb / 1P
   RIGHT ANGLE HN PLUG WITH EXTENDED PIN FOR ECS CABLE P/N 311201 AND 421201
More results

Similar Description - CHR1080A98F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2080-98F UMS-CHA2080-98F_15 Datasheet
411Kb / 12P
   71-86GHz Low Noise Amplifier
CHM1080-98F UMS-CHM1080-98F Datasheet
574Kb / 16P
   71-86GHz Single Side Band Mixer
logo
List of Unclassifed Man...
UL1970 ETC-UL1970 Datasheet
172Kb / 3P
   OBUDOWA CE 71
logo
M/A-COM Technology Solu...
MAIA-007495-000100 MA-COM-MAIA-007495-000100 Datasheet
105Kb / 5P
   Down Converter
MADC-011010 MA-COM-MADC-011010 Datasheet
1Mb / 18P
   Down Converter
MAIA-007495-000100 MA-COM-MAIA-007495-000100_15 Datasheet
105Kb / 5P
   Down Converter
logo
Texas Instruments
SN761688 TI-SN761688 Datasheet
269Kb / 13P
[Old version datasheet]   DOWN CONVERTER
logo
Integrated Device Techn...
EXP8602 IDT-EXP8602 Datasheet
541Kb / 2P
   81GHz ??86GHz Medium Power Amplifier
logo
United Monolithic Semic...
CHA3090-98F UMS-CHA3090-98F_15 Datasheet
448Kb / 12P
   81-86GHz Medium Power Amplifier
logo
KR Electronics, Inc.
2935 KR-2935 Datasheet
74Kb / 3P
   71 MHz Center Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com