Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9004EUB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9004EUB
Description  Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9004EUB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9004EUB Datasheet HTML 1Page - Maxim Integrated Products MAX9004EUB Datasheet HTML 2Page - Maxim Integrated Products MAX9004EUB Datasheet HTML 3Page - Maxim Integrated Products MAX9004EUB Datasheet HTML 4Page - Maxim Integrated Products MAX9004EUB Datasheet HTML 5Page - Maxim Integrated Products MAX9004EUB Datasheet HTML 6Page - Maxim Integrated Products MAX9004EUB Datasheet HTML 7Page - Maxim Integrated Products MAX9004EUB Datasheet HTML 8Page - Maxim Integrated Products MAX9004EUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
General Description
The MAX9000 family features the combination of a high-
speed operational amplifier, a 185ns comparator, and a
precision 1.230V reference. These devices operate from a
single +2.5V to +5.5V supply and draw less than 500µA of
quiescent current. The MAX9001/MAX9004 feature a shut-
down mode that reduces supply current to 2µA and puts
the outputs into a high-impedance state, making them
ideal for portable and battery-powered applications.
The amplifiers in the MAX9000/MAX9001/MAX9002 are
unity-gain stable with a 1.25MHz gain-bandwidth product,
while the amplifiers in the MAX9003/MAX9004/MAX9005
are stable for closed-loop gains of +10V/V or greater with
an 8MHz gain-bandwidth product. The input common-
mode voltage extends from 150mV below the negative
supply to within 1.2V of the positive supply for the amplifi-
er, and to within 1.1V for the comparator. The amplifier and
comparator outputs can swing Rail-to-Rail® and deliver up
to ±2.5mA and ±4.0mA, respectively, to an external load
while maintaining excellent DC accuracy. The unique
design of the comparator output stage substantially
reduces switching current during output transitions, virtually
eliminating power-supply glitches.
The comparator’s ±2mV of built-in hysteresis provides
noise immunity and prevents oscillations even with a
slow-moving input signal. The MAX9000/MAX9001/
MAX9003/MAX9004 have an internal 1.230V ±1% preci-
sion reference with a low 8ppm/°C temperature coeffi-
cient that can sink or source up to 1mA. The amplifier and
reference are stable with capacitive loads up to 250pF
and 100nF, respectively. The comparator’s inverting input
is internally connected to the reference output in the
MAX9000/MAX9003.
________________________Applications
Single-Supply Zero-
Photodiode Preamps
Crossing Detector
Smart Card Readers
Instruments, Terminals,
Infrared Receivers
and Bar-Code Readers
for Remote Controls
Keyless Entry
Sensor Signal Detection
Features
o Op Amp + Comparator + Reference in
Space-Saving µMAX Package
o +2.5V to +5.5V Single-Supply Voltage Range
o 340µA Supply Current (MAX9002/MAX9005)
o Unity-Gain Stable (GBW = 1.25MHz) and
Decompensated (AV
≥ 10V/V, GBW = 8MHz) Options
o Op-Amp/Comparator Outputs Swing Rail-to-Rail
o Ground-Sensing Inputs for Both Op Amp and
Comparator
o Op Amp Stable with Capacitive Loads up to 250pF
o Internal ±2mV Comparator Hysteresis
o Fast 185ns Propagation-Delay Comparator
o No Phase Reversal for Overdriven Inputs
(Both Op Amp and Comparator)
o Internal 1.230V Precision Reference (MAX9000/
MAX9001/MAX9003/MAX9004)
±1% Initial Accuracy
Low 8ppm/°C Temperature Drift
Sink or Source up to 1mA
Stable for Capacitive Loads up to 100nF
Low-Power, High-Speed, Single-Supply
Op Amp + Comparator + Reference ICs
________________________________________________________________
Maxim Integrated Products
1
19-0499; Rev 1; 7/98
PART
MAX9000EUA
MAX9000ESA
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
8 µMAX
8 SO
Ordering Information
Ordering Information continued at end of data sheet.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
Pin Configurations and Typical Operating Circuit appear at
end of data sheet.
INTERNAL
PRECISION
REFERENCE
PIN-PACKAGE
MAX9000
Yes
8 SO/µMAX
MAX9001
Yes
10 µMAX, 14 SO
PART
MAX9002
No
8 SO/µMAX
OP-AMP GAIN
STABILITY
(V/V)
1
1
1
MAX9003
Yes
8 SO/µMAX
MAX9004
Yes
10 µMAX, 14 SO
MAX9005
No
8 SO/µMAX
10
10
10
SHUTDOWN
No
Yes
No
No
Yes
No
OP-AMP GAIN
BANDWIDTH
(MHz)
1.25
1.25
1.25
8
8
8
______________________________________________________________________________Selector Guide
MAX9001EUB
MAX9001ESD
-40°C to +85°C
-40°C to +85°C
10 µMAX
14 SO


Similar Part No. - MAX9004EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX900 MAXIM-MAX900 Datasheet
162Kb / 12P
   High-Speed, Low-Power Voltage Comparators
Rev. 4; 7/01
logo
Altera Corporation
MAX9000 ALTERA-MAX9000 Datasheet
1Mb / 42P
   Programmable Logic Device Family
MAX9000 ALTERA-MAX9000 Datasheet
564Kb / 46P
   Programmable Logic Device Family
MAX9000 ALTERA-MAX9000 Datasheet
564Kb / 46P
   Programmable Logic Device Family
MAX9000 ALTERA-MAX9000_03 Datasheet
564Kb / 46P
   Programmable Logic Device Family
More results

Similar Description - MAX9004EUB

ManufacturerPart #DatasheetDescription
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Maxim Integrated Produc...
MAX951 MAXIM-MAX951_V01 Datasheet
1Mb / 13P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
MAX951 MAXIM-MAX951 Datasheet
114Kb / 12P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
Rev 1; 7/97
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
   Low-Power, Single-Supply Op Amp Reference
logo
Maxim Integrated Produc...
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com