Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA7115-99F Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA7115-99F
Description  X-band High Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA7115-99F Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA7115-99F_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA7115-99F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA7115-99F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA7115-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA7115-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA7115-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHA7115-99F
RoHS COMPLIANT
Ref : DSCHA71151069 - 10 Mar 11
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
22
24
26
28
30
32
34
36
38
40
42
44
8
8.5
9
9.5
10
10.5
11
11.5
12
Frequency (GHz)
PAE @ 4dBc
Pout @ 4dBc
Linear Gain
Pulse : 25µs 10%
X-band High Power Amplifier
GaAs Monolithic Microwave IC
Description
The CHA7115 is a monolithic three-stage
GaAs high power amplifier designed for
X-band applications.
The HPA provides typically 8W output power
associated to 36% power added efficiency at
4dBcomp
and
a
high
robustness
on
mismatch load.
This device is manufactured using 0.25µm
Power pHEMT process, including, via holes
through the substrate and air bridges.
It is available in chip form.
Main Features
 0.25µm Power pHEMT Technology
 Frequency band: 8.5
– 11.5GHz
 Output power : 39dBm @ 4dBcomp
 High linear gain: > 27dB
 High PAE : 37% @ 4dBcomp
 Quiescent bias point: Vd=8V, Id=2.2A
 Chip size: 4.59 x 3.31 x 0.07mm
Main Characteristics
Vd = 8V, Id (Quiescent) = 2.2A, Drain Pulse width = 25µs, Duty cycle = 10%
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
8.5
11.5
GHz
PAE_4dB
Power added efficiency @4dBcomp @ 20°C
37
%
P_4dB
Output power @ 4dBcomp @ 20°C
39
dBm
G
Small signal gain @ 20°C
27.5
dB
ESD Protections: Electrostatic discharge sensitive device. Observe handling precautions!
IN
OUT
Vg3 Vd3
Vd2
Vd1
Vg3 Vd3
Vg2 Vd2
Vg1
IN
OUT
Vg3 Vd3
Vd2
Vd1
Vg3 Vd3
Vg2 Vd2
Vg1


Similar Part No. - CHA7115-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA7115-99F00 UMS-CHA7115-99F00 Datasheet
141Kb / 6P
   X-band High Power Amplifier
More results

Similar Description - CHA7115-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA7114 UMS-CHA7114_10 Datasheet
183Kb / 8P
   X Band High Power Amplifier
CHA7215 UMS-CHA7215_15 Datasheet
209Kb / 8P
   X-band High Power Amplifier
CHA7114 UMS-CHA7114 Datasheet
281Kb / 8P
   X Band High Power Amplifier
CHA7114 UMS-CHA7114_15 Datasheet
194Kb / 8P
   X Band High Power Amplifier
CHA7115-99F UMS-CHA7115-99F Datasheet
141Kb / 6P
   X-band High Power Amplifier
CHA7215 UMS-CHA7215 Datasheet
198Kb / 8P
   X-band High Power Amplifier
CHA8610-99F UMS-CHA8610-99F Datasheet
457Kb / 18P
   15W X Band High Power Amplifier
CHA7012 UMS-CHA7012_15 Datasheet
408Kb / 10P
   X-band HBT High Power Amplifier
CHA7012 UMS-CHA7012 Datasheet
567Kb / 10P
   X-band HBT High Power Amplifier
CHA8100 UMS-CHA8100 Datasheet
260Kb / 12P
   X-band HBT High Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com