Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA6552-QJG Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHA6552-QJG
Description  5.8- 8.5GHz Power Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6552-QJG Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHA6552-QJG Datasheet HTML 3Page - United Monolithic Semiconductors CHA6552-QJG Datasheet HTML 4Page - United Monolithic Semiconductors CHA6552-QJG Datasheet HTML 5Page - United Monolithic Semiconductors CHA6552-QJG Datasheet HTML 6Page - United Monolithic Semiconductors CHA6552-QJG Datasheet HTML 7Page - United Monolithic Semiconductors CHA6552-QJG Datasheet HTML 8Page - United Monolithic Semiconductors CHA6552-QJG Datasheet HTML 9Page - United Monolithic Semiconductors CHA6552-QJG Datasheet HTML 10Page - United Monolithic Semiconductors CHA6552-QJG Datasheet HTML 11Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
5.8- 8.5GHz Power Amplifier
CHA6552-QJG
Ref. : DSCHA6552-QJG4147 - 27 May 14
7/18
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Board Measurements
Tamb.= +25°C, Vd = +7.0V, Id = 1.8A
Measurement in the plan of the QFN, using the proposed land pattern & board, as defined in
paragraph “Evaluation mother board”
Linear Gain & Return Losses versus Frequency & Temperature
Idq =1.8A
Linear Gain & Return Losses versus Frequency & Temperature
Idq = 2.0A
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
5
6
7
8
9
10
Frequency (GHz)
Gain, 85°C
Gain, 25°C
Gain, -40°C
RLin 85°C
RLin 25°C
RLin -40°C
RLout -40°C
RLout 25°C
RLout 85°C
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
5
6
7
8
9
10
Frequency (GHz)
Gain, 85°C
Gain, 25°C
Gain, -40°C
RLin 85°C
RLin 25°C
RLin -40°C
RLout -40°C
RLout 25°C
RLout 85°C


Similar Part No. - CHA6552-QJG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6550 UMS-CHA6550 Datasheet
637Kb / 18P
   17.0- 23.6GHz Power Amplifier
CHA6550-98F UMS-CHA6550-98F Datasheet
849Kb / 12P
   17-23.6GHz Power Amplifier GaAs Monolithic Microwave IC bare die
CHA6550-QXG UMS-CHA6550-QXG Datasheet
637Kb / 18P
   17.0- 23.6GHz Power Amplifier
CHA6558-99F UMS-CHA6558-99F Datasheet
573Kb / 10P
   28-32GHz HPA 2W
CHA6558-99F UMS-CHA6558-99F Datasheet
584Kb / 10P
   28-32GHz HPA 2W
More results

Similar Description - CHA6552-QJG

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2119969100 MOLEX-2119969100 Datasheet
158Kb / 1P
   5.8-8.5GHZ AUTOMOTIVE FLEX CABLE ANTENNE
Rev. A
logo
TriQuint Semiconductor
TGA2701 TRIQUINT-TGA2701 Datasheet
193Kb / 16P
   7 - 8.5GHz High Power Amplifier
logo
Tyco Electronics
MAAPGM0021 MACOM-MAAPGM0021 Datasheet
234Kb / 5P
   5.0-8.5GHz 2W Power Amplifier
logo
Fuji Electric
FMM5057VF FUJI-FMM5057VF Datasheet
300Kb / 8P
   7.1-8.5GHz Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA2701 TRIQUINT-TGA2701_15 Datasheet
174Kb / 17P
   7 to 8.5GHz High Power Amplifier
logo
ATMEL Corporation
ATR7040 ATMEL-ATR7040 Datasheet
118Kb / 8P
   5.8 GHz WDCT Power Amplifier
ATR7035 ATMEL-ATR7035_05 Datasheet
178Kb / 3P
   5.8 GHz WDCT Power Amplifier
logo
Eudyna Devices Inc
FMM5056VF EUDYNA-FMM5056VF Datasheet
318Kb / 8P
   5.8-7.2GHz Power Amplifier MMIC
logo
Excelics Semiconductor,...
EMP110-P1 EXCELICS-EMP110-P1 Datasheet
94Kb / 2P
   5.8 - 8.0 GHz Power Amplifier MMIC
RFMA5880-0.1W-02 EXCELICS-RFMA5880-0.1W-02 Datasheet
174Kb / 2P
   5.8 - 8.0 GHz Power Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com