Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA6356-QXG Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA6356-QXG
Description  21.2 - 23.6GHz Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6356-QXG Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA6356-QXG Datasheet HTML 1Page - United Monolithic Semiconductors CHA6356-QXG Datasheet HTML 2Page - United Monolithic Semiconductors CHA6356-QXG Datasheet HTML 3Page - United Monolithic Semiconductors CHA6356-QXG Datasheet HTML 4Page - United Monolithic Semiconductors CHA6356-QXG Datasheet HTML 5Page - United Monolithic Semiconductors CHA6356-QXG Datasheet HTML 6Page - United Monolithic Semiconductors CHA6356-QXG Datasheet HTML 7Page - United Monolithic Semiconductors CHA6356-QXG Datasheet HTML 8Page - United Monolithic Semiconductors CHA6356-QXG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CHA6356-QXG
21.2 - 23.6GHz Power Amplifier
Ref. : DSCHA6356-QXG5113 - 23 Apr 15
2/16
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Electrical Characteristics
Tamb.= +25°C, Vd = +6V
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
21.2
23.6
GHz
Gain
Small Signal Gain
20
dB
Psat
Saturated Output Power
33.5
dBm
ΔG
Gain variation in temperature
+/- 0.03
dB/°C
OIP3
Output IP3
42
dBm
PAE
PAE at saturation
22
%
CG
Gain regulation range
15
dB
NF
Noise Figure @ nominal gain
4.5
dB
Rlin
Input Return Loss
18
dB
Rlout
Output Return Loss
14
dB
Dr
Detection
dynamic
range(for
output
power detection up to Psat)
30
dB
Vdetect
Voltage detection VREF- VDET up to Psat
10 to
2800
mV
Vg
DC gate Voltage
-0.85
V
Idet
Detector current
850
µA
Idq
Total drain current
1.3
A
These values are representative of onboard measurements as defined on the drawing in
paragraph "Evaluation mother board".


Similar Part No. - CHA6356-QXG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6358-99F00 UMS-CHA6358-99F00 Datasheet
290Kb / 12P
   GaAs Monolithic Microwave IC
More results

Similar Description - CHA6356-QXG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6550-QXG UMS-CHA6550-QXG Datasheet
637Kb / 18P
   17.0- 23.6GHz Power Amplifier
logo
Eudyna Devices Inc
FMM5811GJ-1 EUDYNA-FMM5811GJ-1 Datasheet
132Kb / 4P
   17.7-23.6GHz Power Amplifier MMIC
logo
Excelics Semiconductor,...
RFMA2124-1W EXCELICS-RFMA2124-1W Datasheet
96Kb / 3P
   21.2 - 23.6 GHz Power Amplifier MMIC
RFMA2124-2W-P3 EXCELICS-RFMA2124-2W-P3 Datasheet
91Kb / 2P
   21.2 - 23.6 GHz Power Amplifier MMIC
RFMA2124-0.5W EXCELICS-RFMA2124-0.5W Datasheet
93Kb / 2P
   21.2 - 23.6 GHz Power Amplifier MMIC
logo
Qorvo, Inc
TGA4549-SM QORVO-TGA4549-SM Datasheet
1Mb / 17P
   21.2 ??23.6 GHz 10 W GaN Power Amplifier
logo
United Monolithic Semic...
CHA6550-98F UMS-CHA6550-98F Datasheet
849Kb / 12P
   17-23.6GHz Power Amplifier GaAs Monolithic Microwave IC bare die
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5023 AVAGO-AMMC-5023 Datasheet
271Kb / 9P
   23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
Renesas Technology Corp
F6922 RENESAS-F6922_V01 Datasheet
1Mb / 16P
   Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
logo
United Monolithic Semic...
CHA5356-QGG UMS-CHA5356-QGG_15 Datasheet
662Kb / 16P
   17.7-23.6GHz Packaged HPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com