Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3688AQDG Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA3688AQDG
Description  12.5-30GHz Low Noise Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3688AQDG Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA3688AQDG_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3688AQDG_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3688AQDG_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3688AQDG_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3688AQDG_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3688AQDG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3688AQDG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3688AQDG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3688AQDG_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CHA3688aQDG
RoHS COMPLIANT
Ref. : DSCHA3688aQDG1035 - 07 Feb 11
1/18
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - BP46 - 91401 Orsay Cedex France
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
12.5-30GHz Low Noise Amplifier
GaAs Monolithic Microwave IC in SMD leadless package
Description
The
CHA3688aQDG
is
a
three-stage
self-biased wide band monolithic low noise
amplifier monolithic circuit.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length, via holes
through
the
substrate,
air
bridges
and
electron beam gate lithography.
It is supplied in RoHS compliant SMD
package.
Main Features
■ Broadband performances: 12.5-30GHz
■ 2.1dB noise figure
■ 26dB gain
■ 26dBm Output IP3
■ DC bias: Vd = 4V @ Id = 85 / 115mA
■ 24L-QFN4x4
■ MSL1
Main Characteristics
Tamb.= +25°C
Symbol
Parameter
Min
Typ
Max
Unit
Freq
Frequency range
12.5
30
GHz
Gain
Linear Gain
21
26
dB
NF
Noise Figure
2.1
2.5
dB
OIP3
3rd order intercept point (16 - 30GHz)
24
26
dBm
UMS
A3667A
YYWWG
UMS
A3667A
YYWWG
UMS
A3688A
YYWWG
UMS
A3667A
YYWWG
UMS
A3667A
YYWWG
UMS
A3688A
YYWWG
UMS
A3688A
YYWW


Similar Part No. - CHA3688AQDG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3688AQDG UMS-CHA3688AQDG Datasheet
473Kb / 16P
   12.5-30GHz Low Noise Amplifier
More results

Similar Description - CHA3688AQDG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3689-99F UMS-CHA3689-99F_15 Datasheet
682Kb / 16P
   12.5-30GHz Low Noise Amplifier
CHA3689 UMS-CHA3689 Datasheet
261Kb / 10P
   12.5-30GHz Low Noise Amplifier
CHA3688AQDG UMS-CHA3688AQDG Datasheet
473Kb / 16P
   12.5-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093_03 Datasheet
97Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193_15 Datasheet
149Kb / 10P
   20-30GHz Low Noise Amplifier
CHA2190 UMS-CHA2190_15 Datasheet
185Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093 Datasheet
107Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093_15 Datasheet
128Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2069-QDG UMS-CHA2069-QDG Datasheet
439Kb / 18P
   18-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193 Datasheet
112Kb / 10P
   20-30GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com