Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9002EUA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9002EUA
Description  Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9002EUA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9002EUA Datasheet HTML 4Page - Maxim Integrated Products MAX9002EUA Datasheet HTML 5Page - Maxim Integrated Products MAX9002EUA Datasheet HTML 6Page - Maxim Integrated Products MAX9002EUA Datasheet HTML 7Page - Maxim Integrated Products MAX9002EUA Datasheet HTML 8Page - Maxim Integrated Products MAX9002EUA Datasheet HTML 9Page - Maxim Integrated Products MAX9002EUA Datasheet HTML 10Page - Maxim Integrated Products MAX9002EUA Datasheet HTML 11Page - Maxim Integrated Products MAX9002EUA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Low-Power, High-Speed, Single-Supply
Op Amp + Comparator + Reference ICs
8
_______________________________________________________________________________________
_____________________________Typical Operating Characteristics (continued)
(VDD = +5V, VSS = 0, VCM (op amp) = 0, SHDN = VDD, COUT = low, RL = ∞, TA = +25°C, unless otherwise noted.)
1
0.001
10
10k
1k
100k
MAX9000/MAX9001/MAX9002
OP-AMP TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
0.01
0.1
FREQUENCY (Hz)
100
RL = 1kΩ
AV = +1
VIN = 2Vp-p
500 kHz LOWPASS FILTER
RL TO VDD/2
RL = 10kΩ
RL = 100kΩ
0
0.05
0.10
0.15
0.20
0.25
4.0
4.4 4.5
4.2 4.3
4.1
4.6 4.7 4.8 4.9 5.0
MAX9000/MAX9001/MAX9002
OP-AMP TOTAL HARMONIC DISTORTION
PLUS NOISE vs. VAOUT
VAOUT SWING (Vp-p)
AV = +1
VIN = 10kHz SINE WAVE
500kHz LOWPASS FILTER
RL TO VDD/2
RL = 10kΩ
RL = 1kΩ
RL = 100kΩ
1k
0.01
100
10M
10k
1M
100k
1k
MAX9000/MAX9001/MAX9002
OP-AMP OUTPUT IMPEDANCE vs. FREQUENCY
1
0.1
100
10
FREQUENCY (Hz)
AV = +1
NO LOAD
1
0.01
10
1k
10k
100k
MAX9003/MAX9004/MAX9005
OP-AMP TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
0.1
FREQUENCY (Hz)
100
AV = +10
VIN = 200mVp-p
500kHz LOWPASS FILTER
RL TO VDD/2
RL = 1kΩ
RL = 100kΩ
RL = 10kΩ
VIN
VOUT
RL
36k
4k
-200
-150
-100
-50
0
50
100
150
200
2.5
3.5
3.0
4.0
4.5
5.0
5.5
CHANGE IN COMPARATOR OFFSET
VOLTAGE (VOS) vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
0.05
0.10
0.15
0.20
0.25
4.0
4.4 4.5
4.2 4.3
4.1
4.6 4.7 4.8 4.9 5.0
MAX9003/MAX9004/MAX9005
OP-AMP TOTAL HARMONIC DISTORTION
PLUS NOISE vs. VAOUT
VAOUT SWING (Vp-p)
AV = +10
VIN = 10kHz SINE WAVE
500kHz LOWPASS FILTER
RL TO VDD/2
VIN
VOUT
RL
36k
4k
RL = 1kΩ
RL = 100kΩ
RL = 10kΩ
10k
0.1
100
10M
10k
1M
100k
1k
MAX9003/MAX9004/MAX9005
OP-AMP OUTPUT IMPEDANCE vs. FREQUENCY
10
1
1k
100
FREQUENCY (Hz)
AV = +10
NO LOAD
-200
-150
-100
-50
0
50
100
150
200
-40
0
-20
20
40
60
80
100
CHANGE IN COMPARATOR OFFSET
VOLTAGE (VOS) vs. TEMPERATURE
TEMPERATURE (°C)
85
87
91
89
93
95
-40
0
-20
20
40
60
80
100
COMPARATOR COMMON-MODE
REJECTION RATIO (CMRR)
vs. TEMPERATURE
TEMPERATURE (°C)


Similar Part No. - MAX9002EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX900 MAXIM-MAX900 Datasheet
162Kb / 12P
   High-Speed, Low-Power Voltage Comparators
Rev. 4; 7/01
logo
Altera Corporation
MAX9000 ALTERA-MAX9000 Datasheet
1Mb / 42P
   Programmable Logic Device Family
MAX9000 ALTERA-MAX9000 Datasheet
564Kb / 46P
   Programmable Logic Device Family
MAX9000 ALTERA-MAX9000 Datasheet
564Kb / 46P
   Programmable Logic Device Family
MAX9000 ALTERA-MAX9000_03 Datasheet
564Kb / 46P
   Programmable Logic Device Family
More results

Similar Description - MAX9002EUA

ManufacturerPart #DatasheetDescription
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Maxim Integrated Produc...
MAX951 MAXIM-MAX951_V01 Datasheet
1Mb / 13P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
MAX951 MAXIM-MAX951 Datasheet
114Kb / 12P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
Rev 1; 7/97
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
   Low-Power, Single-Supply Op Amp Reference
logo
Maxim Integrated Produc...
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com