Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3511 Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHA3511
Description  GaAs Monolithic Microwave IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3511 Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHA3511 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 9Page - United Monolithic Semiconductors CHA3511 Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
6-18GHz Digital Variable Amplifier
CHA3511
Ref. : DSCHA35110197 - 16 Jul 10
7/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Linear Gain & Output Power for 1 dB compression
Versus frequency
Test fixture measurement
Gain and Output power
Versus input power & Frequency
Test fixture measurement
Consumption versus Input power & frequency
Test fixture measurement
14
16
18
20
22
24
26
6
8
10
12
14
16
18
Frequency (GHz)
Tamb=+25°C
(configuration Gain)
8
10
12
14
16
18
20
22
24
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input power (dBm)
6GHz
12GHz
18GHz
Pout-1dB (dBm)
Linear Gain(dB)


Similar Part No. - CHA3511

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3511 UMS-CHA3511 Datasheet
361Kb / 10P
   6-18GHz Amplifier
More results

Similar Description - CHA3511

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266_15 Datasheet
166Kb / 8P
   GaAs Monolithic Microwave IC
CHA2090 UMS-CHA2090_15 Datasheet
167Kb / 8P
   GaAs Monolithic Microwave IC
CHM1191 UMS-CHM1191 Datasheet
90Kb / 6P
   GaAs Monolithic Microwave IC
CHA6358-99F00 UMS-CHA6358-99F00 Datasheet
290Kb / 12P
   GaAs Monolithic Microwave IC
CHA2411-QDG UMS-CHA2411-QDG Datasheet
684Kb / 10P
   GaAs Monolithic Microwave IC In QFN package
CHA2066-QAG UMS-CHA2066-QAG_15 Datasheet
211Kb / 12P
   GaAs Monolithic Microwave IC in SMD leadless package
logo
Siemens Semiconductor G...
CGY21 SIEMENS-CGY21 Datasheet
130Kb / 9P
   GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier)
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
   GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
logo
United Monolithic Semic...
CHC3014 UMS-CHC3014 Datasheet
1Mb / 16P
   X-band RX-TX Core Chip GaAs Monolithic Microwave IC
CHA6550-98F UMS-CHA6550-98F Datasheet
849Kb / 12P
   17-23.6GHz Power Amplifier GaAs Monolithic Microwave IC bare die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com