Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX895LESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX895LESA
Description  Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX895LESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX895LESA Datasheet HTML 1Page - Maxim Integrated Products MAX895LESA Datasheet HTML 2Page - Maxim Integrated Products MAX895LESA Datasheet HTML 3Page - Maxim Integrated Products MAX895LESA Datasheet HTML 4Page - Maxim Integrated Products MAX895LESA Datasheet HTML 5Page - Maxim Integrated Products MAX895LESA Datasheet HTML 6Page - Maxim Integrated Products MAX895LESA Datasheet HTML 7Page - Maxim Integrated Products MAX895LESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_______________General Description
The MAX894L/MAX895L smart, dual, low-voltage,
P-channel, MOSFET power switches are intended for
high-side load-switching applications. These switches
operate with inputs from +2.7V to +5.5V, making them
ideal for both 3V and 5V systems. Internal current-
limiting circuitry protects the input supply against
overload. Thermal-overload protection limits power dis-
sipation and junction temperature.
The MAX894L/MAX895L’s maximum current limits are
500mA and 250mA, respectively. The current limit
through the switches is programmed with resistors from
SET A/SET B to ground. When the switches are on, the
quiescent supply current is a low 16
µA. When the
switches are off, the supply current decreases to 0.1
µA.
The MAX894L/MAX895L are available in an 8-pin SO
package.
________________________Applications
PCMCIA Slots
Access Bus Slots
Portable Equipment
____________________________Features
o +2.7V to +5.5V Input Range
o Programmable Current Limits
o Low Supply Current:
16
µA IQ at VIN = 3.3V
0.1
µA with Switch Off
o Thermal Shutdown
Dual, Current-Limited, High-Side P-Channel
Switches with Thermal Shutdown
________________________________________________________________
Maxim Integrated Products
1
SET B
SET A
GND
1
2
8
7
IN
OUT B
OUT A
MAX894L
MAX895L
TOP VIEW
3
4
6
5
ONA
ONB
SO
__________________Pin Configuration
MAX894L
MAX895L
IN
INPUT
GND
SET B
OUTPUT B
OUTPUT A
0.1
µF
0.1
µF1µF
ON/OFF
ON/OFF
ONB
OUT B
SET A
RSET A
RSET B
OUT A
ONA
__________Typical Operating Circuit
19-1153; Rev 0; 10/96
PART*
MAX894LC/D
MAX894LESA
-40°C to +85°C
0°C to +70°C
TEMP.
RANGE
PIN-
PACKAGE
Dice**
8 SO
______________Ordering Information
*
To order these units in tape and reel, add (-T) to the end of the
part number.
**
Dice are tested at TA = +25°C.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
CURRENT
LIMIT
500mA
500mA
MAX895LESA
-40°C to +85°C
8 SO
250mA
MAX895LC/D
0°C to +70°C
Dice**
250mA


Similar Part No. - MAX895LESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX895LESA MAXIM-MAX895LESA Datasheet
363Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 1; 2/07
More results

Similar Description - MAX895LESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX894L MAXIM-MAX894L_07 Datasheet
363Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 1; 2/07
MAX891L MAXIM-MAX891L Datasheet
108Kb / 8P
   Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
MAX869L MAXIM-MAX869L Datasheet
90Kb / 8P
   2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX890L MAXIM-MAX890L Datasheet
135Kb / 8P
   1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
MAX890L MAXIM-MAX890L_11 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 4; 4/11
MAX893L MAXIM-MAX893L Datasheet
115Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX890 MAXIM-MAX890 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
logo
STMicroelectronics
ST890 STMICROELECTRONICS-ST890 Datasheet
148Kb / 7P
   1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
ST890 STMICROELECTRONICS-ST890_05 Datasheet
443Kb / 9P
   1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
ST890B STMICROELECTRONICS-ST890B_07 Datasheet
440Kb / 17P
   1.2 A current limited high side power switch with thermal shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com