Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8888EZK29-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8888EZK29-T
Description  Low-Dropout, 300mA Linear Regulators in SOT23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8888EZK29-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8888EZK29-T Datasheet HTML 1Page - Maxim Integrated Products MAX8888EZK29-T Datasheet HTML 2Page - Maxim Integrated Products MAX8888EZK29-T Datasheet HTML 3Page - Maxim Integrated Products MAX8888EZK29-T Datasheet HTML 4Page - Maxim Integrated Products MAX8888EZK29-T Datasheet HTML 5Page - Maxim Integrated Products MAX8888EZK29-T Datasheet HTML 6Page - Maxim Integrated Products MAX8888EZK29-T Datasheet HTML 7Page - Maxim Integrated Products MAX8888EZK29-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Low-Dropout, 300mA Linear Regulators in SOT23
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SHUTDOWN
Shutdown Supply Current
SHDN = GND, VIN = 5.5V
0.1
2
µA
VIH
2.5V
≤ VIN ≤ 5.5V
1.6
SHDN Input Threshold
VIL
2.5V
≤ VIN ≤ 5.5V
0.6
V
SHDN Input Bias Current
SHDN = IN or GND
10
100
nA
OUT Discharge Resistance in
Shutdown
SHDN = GND
650
1100
POK (MAX8888 ONLY)
POK Trip Level, Referred to OUT
Set Point
VOUT falling
(1% typical hysteresis)
90
92.5
95
%
Operating IN Voltage Range for
Valid POK
1.0
5.5
V
POK Output Voltage Low
VOL
ISINK = 1mA
0.1
V
POK Output Leakage Current
VPOK = 5.5V, SHDN = IN
100
nA
THERMAL PROTECTION
Thermal Shutdown Temperature
170
°C
Thermal Shutdown Hysteresis
20
°C
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VOUT + 1V, SHDN = IN, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
Note 1: All parts are 100% tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.
Note 2: Typical and maximum dropout voltage for different output voltages are shown in the Typical Operating Characteristics
curve.
Typical Operating Characteristics
(Typical Operating Circuit, TA = +25°C, unless otherwise noted.)
0
1.0
0.5
2.0
1.5
3.0
2.5
3.5
2.0
3.0
3.5
2.5
4.0
4.5
5.0
5.5
OUTPUT VOLTAGE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
IOUT = 0
IOUT = 300mA
-1.0
-0.6
-0.8
0.0
-0.2
-0.4
0.2
0.4
0.8
0.6
1.0
100
50
150
200
250
300
OUTPUT VOLTAGE ACCURACY
vs. LOAD CURRENT
LOAD CURRENT (mA)
0
-0.05
-0.02
-0.03
-0.04
-0.01
0.0
0.01
0.02
0.03
0.04
0.05
-40
10
-15
35
60
85
OUTPUT VOLTAGE ACCURACY
vs. TEMPERATURE
TEMPERATURE (
°C)
IOUT = 0
VIN = VOUT + 500mV


Similar Part No. - MAX8888EZK29-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8888EZK29 MAXIM-MAX8888EZK29 Datasheet
253Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 3; 11/06
MAX8888EZK29+T MAXIM-MAX8888EZK29+T Datasheet
199Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 4; 7/09
MAX8888EZK29T MAXIM-MAX8888EZK29T Datasheet
253Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 3; 11/06
More results

Similar Description - MAX8888EZK29-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8887 MAXIM-MAX8887_09 Datasheet
199Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 4; 7/09
MAX8887 MAXIM-MAX8887_06 Datasheet
253Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 3; 11/06
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131 Datasheet
264Kb / 10P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com