Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2800 Datasheet(PDF) 2 Page - International Rectifier

Part # S2800
Description  28V Input, Single/Dual Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

S2800 Datasheet(HTML) 2 Page - International Rectifier

  S2800_15 Datasheet HTML 1Page - International Rectifier S2800_15 Datasheet HTML 2Page - International Rectifier S2800_15 Datasheet HTML 3Page - International Rectifier S2800_15 Datasheet HTML 4Page - International Rectifier S2800_15 Datasheet HTML 5Page - International Rectifier S2800_15 Datasheet HTML 6Page - International Rectifier S2800_15 Datasheet HTML 7Page - International Rectifier S2800_15 Datasheet HTML 8Page - International Rectifier S2800_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.irf.com
S-SERIES
(28V Input, Single/Dual Output)
Circuit Description
Design Methodology
The S-Series converters utilize a single-ended
forward topology with resonant reset. The nominal
switching frequency is 525KHz. Electrical isolation
and tight output regulation are achieved through the
use of a magnetically coupled feedback. Voltage
feed-forward with duty factor limiting provides high
line rejection.
Output power is limited under any load fault condition
to approximately 135% for singles and 145% for
duals of rated. An overload condition causes the
converter output to behave like a constant current
source with the output voltage dropping below
nominal. The converter will resume normal operation
when the load current is reduced below the current
limit point. This protects the converter from both
overload and short circuit conditions. There are no
latching elements included in the load fault protection
circuits to eliminate the possibility of falsely triggering
the protection circuits during single event radiation
exposure.
An under-voltage protection circuit prohibits the
converter from operating when the line voltage is
too low for safe operation. The converter will not
start until the line voltage rises to approximately 12V.
An external enable port is provided to control
converter operation. This input is intended for
operation with an open collector transistor drive or
a relay closure to the input return. The pin may be
left open for normal operation and has a nominal
open circuit voltage of 10.5V.
The S-Series was developed using a proven
conservative design methodology, which includes
selecting radiation tolerant, and established
reliability components and fully derating to the
requirements of MIL-STD-975 and MIL-STD-1547
except for the CDR type of capacitors, a capacitor
with 50V rating is used for in-circuit voltage stress of
less than10V. Heavy derating of the radiation-
hardened power MOSFET virtually eliminates the
possibility of SEGR and SEB. A magnetic feedback
circuit is utilized instead of opto-couplers to minimize
temperature, radiation and aging sensitivity. PSPICE
was used extensively to predict and optimize
circuit performance for both beginning and end-of-
life. Thorough design analyses include Radiation
Susceptibility (TREE), Worst Case, Stress, Thermal
and Reliability (MTBF).


Similar Part No. - S2800_15

ManufacturerPart #DatasheetDescription
logo
GE Solid State
S2800A GESS-S2800A Datasheet
191Kb / 4P
   10-A Silicon Controlled Rectifiers
logo
Digitron Semiconductors
S2800A DIGITRON-S2800A Datasheet
162Kb / 3P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
S2800A NJSEMI-S2800A Datasheet
90Kb / 2P
   Silicon Controlled Rectifiers
logo
GE Solid State
S2800B GESS-S2800B Datasheet
191Kb / 4P
   10-A Silicon Controlled Rectifiers
logo
Digitron Semiconductors
S2800B DIGITRON-S2800B Datasheet
162Kb / 3P
   SILICON CONTROLLED RECTIFIER
More results

Similar Description - S2800_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
M3H IRF-M3H_15 Datasheet
157Kb / 11P
   28V Input, Single/Dual Output
AHF28XX IRF-AHF28XX Datasheet
148Kb / 17P
   28V Input, Single and Dual Output
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
   28V Input, Triple Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
   28V Input, Triple Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com