Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDHB710SE20A2SX Datasheet(PDF) 2 Page - International Rectifier

Part # RDHB710SE20A2SX
Description  Hermetically Sealed Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RDHB710SE20A2SX Datasheet(HTML) 2 Page - International Rectifier

  RDHB710SE20A2SX Datasheet HTML 1Page - International Rectifier RDHB710SE20A2SX Datasheet HTML 2Page - International Rectifier RDHB710SE20A2SX Datasheet HTML 3Page - International Rectifier RDHB710SE20A2SX Datasheet HTML 4Page - International Rectifier RDHB710SE20A2SX Datasheet HTML 5Page - International Rectifier RDHB710SE20A2SX Datasheet HTML 6Page - International Rectifier RDHB710SE20A2SX Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
www.irf.com
RDHB710SE20A2SX
Dual, 200V, 10A
For Notes, please refer to page 3
Pre-Irradiation
General Characteristics per Channel @ -55°C
£ TC £ +125°C (unless otherwise specified)
Electrical Characteristics per Channel @ -55°C
£ TC £ +125°C (unless otherwise specified)
Parameter
Group A
Test Conditions
Symbol Min. Typ. Max. Units
Subgroups
1
VIN = 3.3V
0.15
2
VDD = 5.0V, IO= 10A
0.29
1
VIN = 0.1V, VS = 200V
25
2
VIN = 0.1V, VS = 150V
250
VDD = 5.0V, IO= 10A
10
15
VDD = 10V, IO= 10A 1, 7
25
1
1.0
2, 3
3.0
VIN = 3.3V, VDD = 5.0V, VS = 50V
RL = 5Ω, PW = 50ms
VIN = 0.1V, VDD = 5.0V, VS = 50V
RL = 5Ω, PW = 50ms
VIN = 3.3V, VDD = 5.0V, VS = 50V
RL = 5Ω, PW = 50ms
VIN = 0.1V, VDD = 5.0V, VS = 50V
RL = 5Ω, PW = 50ms
Output On-Resistance
RDS(ON)
Output Leakage Current
IO
µA
mA
Input Buffer Current
VIN = 3.3V
IIN
1, 2, 3
ton
Input Supply Current
IDD
1.5
ms
Turn-Off Delay 6
1, 2, 3
toff
10
Rise Time 2, 6
Turn-On Delay 6
tr
1, 2, 3
µA
0.5
Fall Time 2, 6
1, 2, 3
tf
2.5
1, 2, 3
Parameter
Group A
Test Conditions
Symbol Min. Typ. Max. Units
Subgroups
Input Buffer Threshold Voltage 1, 3
VDD = 5.0V, IO = 10A
VIN(TH)
3.0
V
VI-O = 1.0KVdc, dwell = 5.0s
TC = 25°C
VIN = 0.1V, f = 1.0MHz,
VS = 25V, TC = 25°C
Thermal Resistance 1
VIN = 3.3V, VDD = 5.0V 1, 4
RTHJC
1.4
°C/W
MTBF (Per Channel)
MIL-HDBK-217F, SF@Tc= 25°C
6.0
MHrs
Weight
W25
gms
pF
210
Output Capacitance 1
COSS
µA
Input-to-Output Leakage Current
1
II-O
1.0


Similar Part No. - RDHB710SE20A2SX

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RDHB710SE20A2SX IRF-RDHB710SE20A2SX Datasheet
136Kb / 7P
   Radiation Hardended, Solid-State Relay with Buffered Inputs
More results

Similar Description - RDHB710SE20A2SX

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE4047W-UB MARKTECH-MTE4047W-UB Datasheet
435Kb / 3P
   Hermetically Sealed Package
logo
International Rectifier
RDHA710SE10A2FK IRF-RDHA710SE10A2FK_15 Datasheet
121Kb / 7P
   Hermetically Sealed Package
RDHA710SE10A2SK IRF-RDHA710SE10A2SK_15 Datasheet
120Kb / 6P
   Hermetically Sealed Package
logo
EUROQUARTZ limited
CX3SMAT EUROQUARTZ-CX3SMAT Datasheet
124Kb / 1P
   Hermetically sealed ceramic package
CX6SMAT EUROQUARTZ-CX6SMAT Datasheet
117Kb / 1P
   Hermetically sealed ceramic package
logo
Marktech Corporate
MTE9440PT MARKTECH-MTE9440PT Datasheet
628Kb / 4P
   Hermetically Sealed Pigtail Package
logo
International Rectifier
RDHA701CD10A2NX IRF-RDHA701CD10A2NX_15 Datasheet
127Kb / 5P
   Hermetically Sealed Ceramic Package
RDHA710FR10A1NX IRF-RDHA710FR10A1NX_15 Datasheet
119Kb / 5P
   Hermetically Sealed Ceramic Package
logo
MMD Components
MLH3 MMD-MLH3 Datasheet
104Kb / 2P
   Hermetically Sealed Ceramic SMD Package
MVIH2 MMD-MVIH2 Datasheet
112Kb / 2P
   Hermetically Sealed Ceramic SMD Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com