Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8882EUTJJ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8882EUTJJ
Description  Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8882EUTJJ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8882EUTJJ Datasheet HTML 1Page - Maxim Integrated Products MAX8882EUTJJ Datasheet HTML 2Page - Maxim Integrated Products MAX8882EUTJJ Datasheet HTML 3Page - Maxim Integrated Products MAX8882EUTJJ Datasheet HTML 4Page - Maxim Integrated Products MAX8882EUTJJ Datasheet HTML 5Page - Maxim Integrated Products MAX8882EUTJJ Datasheet HTML 6Page - Maxim Integrated Products MAX8882EUTJJ Datasheet HTML 7Page - Maxim Integrated Products MAX8882EUTJJ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Dual, Low-Noise, Low-Dropout, 160mA Linear
Regulators in SOT23
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VOUT_ = 2.85V, IOUT_ = 80mA, VIN = +3.6V, COUT_ = 2.2µF, CBP = 0.01µF, and CIN = 2.2µF, unless otherwise noted.)
MAX8882 OUTPUT NOISE
(10Hz to 100kHz)
1ms/div
500
µV/div
(AC-COUPLED)
VOUT_
LINE TRANSIENT
MAX8882/3 toc11
50
µs/div
VIN
VOUT_
4.5V
3.5V
1V/div
20mV/div
(AC-COUPLED)
LOAD TRANSIENT
(VIN = 3.35V, ILOAD = 0 TO 80mA)
MAX8882/3 toc12
10
µs/div
VOUT_
ILOAD
0
20mV/div
(AC-COUPLED)
50mA/div
0
20
10
40
30
60
50
70
0.01
1
0.1
10
100
1000
PSRR vs. FREQUENCY
FREQUENCY (kHz)
100
Ω LOAD
0.01
0.1
1
1000
CHANNEL-TO-CHANNEL ISOLATION
vs. FREQUENCY
FREQUENCY (kHz)
120
0
20
40
60
80
100
10
100
100
Ω LOAD
THERMAL
COUPLING
CAPACITVE
COUPLING
10000
10
0.01
10
1000
OUTPUT NOISE SPECTRAL DENSITY
vs. FREQUENCY
100
1000
0.1
1
100


Similar Part No. - MAX8882EUTJJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
MAX8880ETT-T MAXIM-MAX8880ETT-T Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
19-1679; Rev 2; 12/07
MAX8880ETT-T MAXIM-MAX8880ETT-T Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Rev 2; 12/07
MAX8880EUT MAXIM-MAX8880EUT Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Rev 2; 12/07
MAX8880EUT-T MAXIM-MAX8880EUT-T Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
More results

Similar Description - MAX8882EUTJJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8867 MAXIM-MAX8867 Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
MAX8887 MAXIM-MAX8887 Datasheet
221Kb / 8P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 2; 6/04
MAX8887 MAXIM-MAX8887_09 Datasheet
199Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 4; 7/09
MAX8887 MAXIM-MAX8887_06 Datasheet
253Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 3; 11/06
logo
SG Micro Corp
SG2003 SGMICRO-SG2003 Datasheet
591Kb / 12P
   400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
SG2002 SGMICRO-SG2002 Datasheet
588Kb / 11P
   300mA, Low Power, Low Noise Low Dropout, Linear Regulators
SG2001 SGMICRO-SG2001 Datasheet
586Kb / 11P
   150mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
Texas Instruments
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com