Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV3211-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV3211-Q1
Description  3-Phase Brushless Motor Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV3211-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV3211-Q1_15 Datasheet HTML 4Page - Texas Instruments DRV3211-Q1_15 Datasheet HTML 5Page - Texas Instruments DRV3211-Q1_15 Datasheet HTML 6Page - Texas Instruments DRV3211-Q1_15 Datasheet HTML 7Page - Texas Instruments DRV3211-Q1_15 Datasheet HTML 8Page - Texas Instruments DRV3211-Q1_15 Datasheet HTML 9Page - Texas Instruments DRV3211-Q1_15 Datasheet HTML 10Page - Texas Instruments DRV3211-Q1_15 Datasheet HTML 11Page - Texas Instruments DRV3211-Q1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
LSB
MSB
CS
CK
Register
Parallel Output
Parallel Input
/16
Parallel Output
Serial input
Serial Output
Parallel Input
Parallel Output
CK
/16
Shift Register
(16 bits)
DOUT
MSB First
Parallel Input
EN
LSB
MSB
Output Latch
(Transparent if EN = High)
Internal
Diagnosis Register
DIN
MSB First
SCK
DRV3211-Q1
SLVSBS4 – DECEMBER 2012
www.ti.com
SERIAL PORT I/F
Description
The SPI is used to receive an input byte from CPU and to transmit an output byte to CPU. Four signals are
utilized according to the timing chart of Figure 4.
Figure 4. Block Diagram of SPI
CS – Chip Select
This input signal is utilized to select this IC by CPU.
This input signal is normally high and the communication is possible only when it is forced low.
When this input signal falls, the communication between this IC and the CPU starts.
Transmitted data is latched and the DOUT pin comes out of high impedance.
When this input signal rises, the communication stops.
The DOUT pin goes into high impedance. Then, the internal input register updates with the received bits
(only if the clock pulse numbers are right and the key bit of the DIN signals is correct).
The next falling edge starts another communication.
There is a minimum waiting time between two communications (Twait).
The pin has an internal pullup.
SCK – Synchronization Serial Clock
This input signal is utilized to synchronize the communication by CPU.
It is normally high and the correct clock pulse number is 16.
At each falling edge, the CPU writes a new bit on the DIN input and this IC writes a new bit on the DOUT
pin. At each rising edge, this IC reads the new bit on the DIN pin and the CPU reads the new bit on the
DOUT pin.
The maximum clock frequency is 4 MHz.
The pin has an internal pullup.
space
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: DRV3211-Q1


Similar Part No. - DRV3211-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3211-Q1 TI1-DRV3211-Q1 Datasheet
580Kb / 38P
[Old version datasheet]   DRV3211-Q1 3-Phase Brushless Motor Driver
More results

Similar Description - DRV3211-Q1_15

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com