Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDHA710SE10A2FK Datasheet(PDF) 4 Page - International Rectifier

Part # RDHA710SE10A2FK
Description  Hermetically Sealed Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RDHA710SE10A2FK Datasheet(HTML) 4 Page - International Rectifier

  RDHA710SE10A2FK_15 Datasheet HTML 1Page - International Rectifier RDHA710SE10A2FK_15 Datasheet HTML 2Page - International Rectifier RDHA710SE10A2FK_15 Datasheet HTML 3Page - International Rectifier RDHA710SE10A2FK_15 Datasheet HTML 4Page - International Rectifier RDHA710SE10A2FK_15 Datasheet HTML 5Page - International Rectifier RDHA710SE10A2FK_15 Datasheet HTML 6Page - International Rectifier RDHA710SE10A2FK_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
www.irf.com
RDHA710SE10A2FK
Radiation Performance
International Rectifier Radiation Hardened Solid State Relays are tested to verify their hardness capability.
The hardness assurance program at IR uses a Cobalt-60 (60Co) Source and heavy ion irradiation. Both pre-
and post- irradiation performance are tested and specified using the same drive circuitry and test conditions
to provide a direct comparision.
Opto
Isolation
Opto
Isolation
Pin 4 - INPUT 1
Pin 3 - GND
Pin 5 - V
DD
Pin 6 - INPUT 2
Pin 1 - OUT 1+
Pin 2 - OUT 1-
Pin 8 - OUT 2+
Pin 7 - OUT 2-
Fig 2: Typical Application
Fig 1: Maximum Drain Current Vs Case Temperature per Channel
T
C, Case Temperature (°C)
0
5
10
15
20
25
25
50
75
100
125
150


Similar Part No. - RDHA710SE10A2FK_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RDHA710SE10A2FK IRF-RDHA710SE10A2FK Datasheet
115Kb / 6P
   Radiation Hardended, Solid-State Relay with Buffered Inputs
More results

Similar Description - RDHA710SE10A2FK_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE4047W-UB MARKTECH-MTE4047W-UB Datasheet
435Kb / 3P
   Hermetically Sealed Package
logo
International Rectifier
RDHA710SE10A2SK IRF-RDHA710SE10A2SK_15 Datasheet
120Kb / 6P
   Hermetically Sealed Package
RDHB710SE20A2SX IRF-RDHB710SE20A2SX_15 Datasheet
136Kb / 7P
   Hermetically Sealed Package
logo
EUROQUARTZ limited
CX3SMAT EUROQUARTZ-CX3SMAT Datasheet
124Kb / 1P
   Hermetically sealed ceramic package
CX6SMAT EUROQUARTZ-CX6SMAT Datasheet
117Kb / 1P
   Hermetically sealed ceramic package
logo
Marktech Corporate
MTE9440PT MARKTECH-MTE9440PT Datasheet
628Kb / 4P
   Hermetically Sealed Pigtail Package
logo
International Rectifier
RDHA701CD10A2NX IRF-RDHA701CD10A2NX_15 Datasheet
127Kb / 5P
   Hermetically Sealed Ceramic Package
RDHA710FR10A1NX IRF-RDHA710FR10A1NX_15 Datasheet
119Kb / 5P
   Hermetically Sealed Ceramic Package
logo
MMD Components
MLH3 MMD-MLH3 Datasheet
104Kb / 2P
   Hermetically Sealed Ceramic SMD Package
MVIH2 MMD-MVIH2 Datasheet
112Kb / 2P
   Hermetically Sealed Ceramic SMD Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com