Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV3204-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # DRV3204-Q1
Description  Three-Phase Brushless Motor Driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV3204-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV3204-Q1_15 Datasheet HTML 7Page - Texas Instruments DRV3204-Q1_15 Datasheet HTML 8Page - Texas Instruments DRV3204-Q1_15 Datasheet HTML 9Page - Texas Instruments DRV3204-Q1_15 Datasheet HTML 10Page - Texas Instruments DRV3204-Q1_15 Datasheet HTML 11Page - Texas Instruments DRV3204-Q1_15 Datasheet HTML 12Page - Texas Instruments DRV3204-Q1_15 Datasheet HTML 13Page - Texas Instruments DRV3204-Q1_15 Datasheet HTML 14Page - Texas Instruments DRV3204-Q1_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
DRV3204-Q1
www.ti.com
SLVSBT3B – MARCH 2013 – REVISED JULY 2013
FLTCFG (address 0x02): Fault Detection Configuration Register
Bit
Name
Type
Reset
Description
7
FLGLATCH_EN
RW
0
Fault-flag (FLTFLG*) latch enable
0: Fault events do not latch fault-flag register bits.
1: Latching of fault-flag register bits by the fault events occurs. The flag bits remain asserted until
cleared.
6:4
MTOCTH
RW
000
Motor overcurrent detection threshold
000: 2 V
001: 2.5 V
010: 3 V
011: 3.5 V
100: 4 V
Others: 2 V
3
RSVD
R
0
Reserved
2
VCCUVTH
RW
0
VCC undervoltage detection threshold
0: 4 V
1: 4.2 V
1:0
VBUVTH
RW
00
VB undervoltage detection threshold
00: 4 V
01: 4.5 V
10: 5 V
11: 5.5 V
FLTEN0 (address 0x04): FAULT Pin Enable Register 0
Bit
Name
Type
Reset
Description
7
FE_MTOC
RW
1
FAULT pin enable of FLTFLG0 register bits.
0: Assertion of the FAULT pin does not occur when the fault flag bit is 1
6
FE_VCCOC
RW
1
1: Assertion of the FAULT pin to low level occurs when the fault flag bit is 1. See Figure 6
5
FE_VCCOV
RW
1
4
FE_VDDOV
RW
1
3
FE_CPOV
RW
1
2
FE_CPUV
RW
1
1
FE_VBOV
RW
1
0
FE_VBUV
RW
1
FLTEN1 (address 0x05): FAULT Pin Enable Register 1
Bit
Name
Type
Reset
Description
7:1
RSVD
R
0000 000 Reserved
0
FE_TSD
RW
1
FAULT pin enable of TSD flag bit
0: Assertion of the FAULT pin does not occur when the fault flag bit is 1
1: Assertion of the FAULT pin to low level occurs when the TSD flag bit is 1. See Figure 6
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links :DRV3204-Q1


Similar Part No. - DRV3204-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3204-Q1 TI1-DRV3204-Q1 Datasheet
542Kb / 38P
[Old version datasheet]   DRV3204-Q1 Three-Phase Brushless Motor Driver
More results

Similar Description - DRV3204-Q1_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com