Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV3202-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # DRV3202-Q1
Description  3-Phase Brushless Motor Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV3202-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV3202-Q1_15 Datasheet HTML 3Page - Texas Instruments DRV3202-Q1_15 Datasheet HTML 4Page - Texas Instruments DRV3202-Q1_15 Datasheet HTML 5Page - Texas Instruments DRV3202-Q1_15 Datasheet HTML 6Page - Texas Instruments DRV3202-Q1_15 Datasheet HTML 7Page - Texas Instruments DRV3202-Q1_15 Datasheet HTML 8Page - Texas Instruments DRV3202-Q1_15 Datasheet HTML 9Page - Texas Instruments DRV3202-Q1_15 Datasheet HTML 10Page - Texas Instruments DRV3202-Q1_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Do not switch to RES LOW
when the VCC LOW time
is less than tRES.
tRES
tRES
Ignore transient voltage falling
Switch to NMI-LOW after tRES delay
when VCC is lower than VNMIL
VNMI+VHS
VB
VCC
VSTN
NMI
(Internal signal)
RES is HIGH after tON from NMI-HIGH
if internal clock is not generated
(In case of malfunction).
RES signal should remain in low voltage
(< -0.4 V) and in this case, controlled CPU
should be in
tRH
RES is LOW at NMI-LOW.
tON
tRL
tOFF
tON
Pwth
RES
PRN
Detecting only rising edge of PRN signal
WDEN
Switch to RES LOW if PRN stays at a High or LOW
level.
RES is LOW at NMI-LOW.
If WDEN is LOW (or OPEN),
and there is abnormal PRN:
RES is active.
If WDEN is HIGH,
and there is abnormal PRN:
no operation.
RES is HIGH after tON from of NMI-HIGH.
VNMI
tRES
DRV3202-Q1
www.ti.com
SLVSBJ4A – OCTOBER 2012 – REVISED DECEMBER 2012
NOTE: WDEN = High, VCC undervoltage condition sets RES = Low
Figure 3. Watchdog Timing Chart
WATCHDOG ELECTRICAL CHARACTERISTICS
(1)
VB = 12 V,TA = –40°C to 125°C (unless otherwise specified)
PARAMETER(2)
CONDITIONS
MIN
TYP
MAX
UNITS
WATCHDOG
VSTN
Function start VCC voltage RES
0.8
1.3
V
tON
Power-on time RES
32
40
48
ms
tOFF
Clock off reset time RES
64
80
96
ms
tRL
Reset pulse low time RES
Refer to Figure 3
16
20
24
ms
tRH
Reset pulse high time RES
64
80
96
ms
tRES
Reset delay time RES
30
71.5
90
µs
Pwth
Pulse width PRN
200
ns
(1)
The watchdog function is disabled and the timing parameters are invalid when the WDEN is at a high level.
(2)
Specified by design
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DRV3202-Q1


Similar Part No. - DRV3202-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3202-Q1 TI1-DRV3202-Q1 Datasheet
591Kb / 41P
[Old version datasheet]   DRV3202-Q1 3-Phase Brushless Motor Driver
More results

Similar Description - DRV3202-Q1_15

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com