Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX883CPA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX883CPA
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX883CPA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX883CPA Datasheet HTML 1Page - Maxim Integrated Products MAX883CPA Datasheet HTML 2Page - Maxim Integrated Products MAX883CPA Datasheet HTML 3Page - Maxim Integrated Products MAX883CPA Datasheet HTML 4Page - Maxim Integrated Products MAX883CPA Datasheet HTML 5Page - Maxim Integrated Products MAX883CPA Datasheet HTML 6Page - Maxim Integrated Products MAX883CPA Datasheet HTML 7Page - Maxim Integrated Products MAX883CPA Datasheet HTML 8Page - Maxim Integrated Products MAX883CPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
mV
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 200mA Linear Regulators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 6V (MAX883) or VIN = 4.3V (MAX882/MAX884), COUT = 2.2µF, STBY or OFF = VIN, SET = GND, LBI = VIN, TJ = TMIN to TMAX,
unless otherwise noted. Typical values are at TJ = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (IN or OUT to GND).......................-0.3V to +12V
Output Short-Circuit Duration .........................................1 minute
Continuous Output Current ...............................................300mA
LBO Output Current ............................................................50mA
LBO Output Voltage and LBI,
SET, STBY, OFF Input Voltages ................-0.3V to the greater of
(IN + 0.3V) or (OUT + 0.3V)
Continuous Power Dissipation (TJ = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
High-Power SO (derate 18.75mW/°C above +70°C) .......1.5W
CERDIP (derate 8.00mW/°C above +70°C) .................640mW
Operating Temperature Ranges
MAX88_C_A ........................................................0°C to +70°C
MAX88_E_A .....................................................-40°C to +85°C
MAX88_MJA ..................................................-55°C to +125°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
VIN = 11.5V
SET = OUT,
VIN = 6V
SET = OUT, RL = 1kΩ
MAX882/MAX884
MAX883
(VOUT + 0.5V) < VIN < 11.5V, IOUT = 10mA
CONDITIONS
40
IQ
Quiescent Current
15
25
30
11
15
mV
320
640
∆VDO
Dropout Voltage (Note 3)
160
320
220
440
110
220
mV
10
40
∆VLNR
Line Regulation
V
3.0
11.5
VIN
Input Voltage Range
2.9
11.5
2.7
11.5
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX88_C_A
MAX88_MJA
MAX88_E_A
IOUT = 10µA–200mA,
TJ ≤ +125°C
IOUT = 10µA–250mA,
TJ ≤ +85°C
IOUT = 100mA
IOUT = 100mA
MAX88_C_A/E_A
MAX88_C_A/E_A
IOUT = 200mA
IOUT = 200mA
MAX88_MJA
MAX88_MJA
µA
IOUT = 1mA to 150mA
MAX883C_A/E_A
IOUT = 1mA to 200mA
mV
30
100
∆VLDR
Load Regulation
MAX883MJA
MAX882, MAX884
150
60
100
MAX882/MAX884,
4.3V
≤ VIN ≤ 11.5V
mV
3.15
3.30
3.45
VOUT
Output Voltage (Note 2)
IOUT = 10µA–200mA,
TJ ≤ +85°C
IOUT = 10µA–200mA,
TJ ≤ +70°C
MAX883,
6.0V
≤ VIN ≤ 11.5V
IOUT = 10µA–250mA,
TJ ≤ +70°C
IOUT = 10µA–150mA,
TJ ≤ +125°C
4.75
5.00
5.25


Similar Part No. - MAX883CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX883CPA MAXIM-MAX883CPA Datasheet
361Kb / 17P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 3; 9/08
MAX883CPA MAXIM-MAX883CPA Datasheet
507Kb / 17P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 4; 7/09
More results

Similar Description - MAX883CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX882 MAXIM-MAX882_08 Datasheet
361Kb / 17P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 3; 9/08
MAX882 MAXIM-MAX882_09 Datasheet
507Kb / 17P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 4; 7/09
MAX603 MAXIM-MAX603 Datasheet
134Kb / 12P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
Rev 0; 9/94
MAX603 MAXIM-MAX603_V01 Datasheet
1Mb / 11P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
2017
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
logo
Linear Technology
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com