Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8865TEUA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8865TEUA
Description  Dual, Low-Dropout, 100mA Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8865TEUA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8865TEUA Datasheet HTML 1Page - Maxim Integrated Products MAX8865TEUA Datasheet HTML 2Page - Maxim Integrated Products MAX8865TEUA Datasheet HTML 3Page - Maxim Integrated Products MAX8865TEUA Datasheet HTML 4Page - Maxim Integrated Products MAX8865TEUA Datasheet HTML 5Page - Maxim Integrated Products MAX8865TEUA Datasheet HTML 6Page - Maxim Integrated Products MAX8865TEUA Datasheet HTML 7Page - Maxim Integrated Products MAX8865TEUA Datasheet HTML 8Page - Maxim Integrated Products MAX8865TEUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Dual, Low-Dropout, 100mA Linear Regulators
_______________________________________________________________________________________
5
10
0.01
0.1
10
100
1
1000
OUTPUT SPECTRAL NOISE DENSITY
vs. FREQUENCY
0.1
FREQUENCY (kHz)
1
RL = 55Ω
COUT = 1µF
COUT = 100µF
1000
0.01
050 60 70 80 90
10 20 30 40
100
REGION OF STABLE COUT ESR
vs. LOAD CURRENT
0.1
LOAD CURRENT (mA)
1
10
100
INTERNAL FEEDBACK
STABLE REGION
COUT = 1µF
EXTERNAL FEEDBACK
ILOAD = 50mA, VOUT IS AC COUPLED
LINE-TRANSIENT RESPONSE
4.6V
3.6V
2.84V
2.82V
2.83V
50
µs/div
VIN
VOUT
ILOAD = 50mA, VOUT IS AC COUPLED
OUTPUT NOISE DC TO 1MHz
VOUT
1ms/div
VIN = 3.60V, ILOAD = 0mA to 50mA, CIN = 10µF, VOUT IS AC COUPLED
LOAD-TRANSIENT RESPONSE
ILOAD
10
µs/div
VOUT
50mA
0mA
2.85V
2.84V
2.83V
____________________________Typical Operating Characteristics (continued)
(VIN = +3.6V, CIN = 2µF, COUT = 1µF, SHDN2 = GND, MAX886_S, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX8865TEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8865TEUA MAXIM-MAX8865TEUA Datasheet
172Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
More results

Similar Description - MAX8865TEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8865R MAXIM-MAX8865R Datasheet
172Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
logo
Global Mixed-mode Techn...
G9093 GMT-G9093 Datasheet
33Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9052 GMT-G9052 Datasheet
37Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9292 GMT-G9292 Datasheet
53Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
G9092 GMT-G9092 Datasheet
42Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
G9294 GMT-G9294 Datasheet
50Kb / 3P
   Dual, 300mA Low-Dropout Linear Regulators
G9293 GMT-G9293 Datasheet
74Kb / 3P
   Dual, 300mA Low-Dropout Linear Regulators
logo
Cystech Electonics Corp...
PL2950-XXA3 CYSTEKEC-PL2950-XXA3 Datasheet
198Kb / 3P
   100mA Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM2950 GAMMA-GM2950 Datasheet
445Kb / 10P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
LM2950 HTC-LM2950 Datasheet
172Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com