Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV421 Datasheet(PDF) 1 Page - Texas Instruments

Part # DRV421
Description  DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV421 Datasheet(HTML) 1 Page - Texas Instruments

  DRV421_15 Datasheet HTML 1Page - Texas Instruments DRV421_15 Datasheet HTML 2Page - Texas Instruments DRV421_15 Datasheet HTML 3Page - Texas Instruments DRV421_15 Datasheet HTML 4Page - Texas Instruments DRV421_15 Datasheet HTML 5Page - Texas Instruments DRV421_15 Datasheet HTML 6Page - Texas Instruments DRV421_15 Datasheet HTML 7Page - Texas Instruments DRV421_15 Datasheet HTML 8Page - Texas Instruments DRV421_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
compensation
coil
primary
current
conductor
magnetic
core
DRV421
return current
conductor
(optional)
3.3 V or 5 V
ADC
optional
Fluxgate
Sensor
Integrator
and
Filter
Device Control and Degaussing
Reference
H-Bridge
Driver
Shunt
Sense
Amplifier
Fluxgate Sensor Front-End
RSHUNT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DRV421
SBOS704A – MAY 2015 – REVISED JULY 2015
DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
1 Features
3 Description
The DRV421 is designed for magnetic closed-loop
1
High-Precision Integrated Fluxgate Sensor
current sensing solutions, enabling isolated, precise
Offset and Drift: ±8 µT max, ±5 nT/°C typ
dc-
and
ac-current
measurements.
This
device
Extended Current Measurement Range
provides
both,
a
proprietary
integrated
fluxgate
sensor, and the required analog signal conditioning,
H-Bridge Output Drive: ±250 mA typ at 5 V
thus minimizing component count and cost. The low
Precision Shunt Sense Amplifier
offset and drift of the fluxgate sensor, along with an
Offset and Drift (max): ±75 µV, ±2 µV/°C
optimized
front-end
circuit
results
in
unrivaled
measurement precision.
Gain Error and Drift (max): ±0.3%, ±5 ppm/°C
Precision Reference
The DRV421 provides all the necessary circuit blocks
to drive the current-sensing feedback loop. The
Accuracy and Drift (max): ±2%, ±50 ppm/°C
sensor front-end circuit is followed by a filter that can
Pin-Selectable Voltage: 2.5 V or 1.65 V
be configured to work with a wide range of magnetic
Selectable Ratiometric Mode: VDD/2
cores. The integrated 250-mA H-Bridge drives the
compensation
coil,
while
doubling
the
current
Magnetic Core Degaussing Feature
measurement
range,
compared
to
conventional
Diagnostic Features: Overrange and Error Flags
single-ended
drive
methods.
The
device
also
Supply Voltage Range: 3.0 V to 5.5 V
provides a precision voltage reference and shunt
Fully Specified Over the Extended Industrial
sense amplifier to generate and drive the analog
output signal.
Temperature Range of –40°C to +125°C
Device Information (1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Closed-Loop DC- and AC-Current Sensor
DRV421
WQFN (20)
4.00 mm × 4.00 mm
Modules
(1) For all available packages, see the package option addendum
Leakage Current Sensors
at the end of the datasheet.
Industrial Monitoring and Control Systems
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DRV421_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
More results

Similar Description - DRV421_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411AIPWP TI1-DRV411AIPWP Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV401-Q1 TI1-DRV401-Q1 Datasheet
812Kb / 39P
[Old version datasheet]   DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
logo
Beijing Yaohuadechang E...
HA2020 YHDC-HA2020 Datasheet
8Mb / 1P
   Hall closed loop current sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com