Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ANT-433-HESM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-433-HESM
Description  Compact design for easy concealment
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-433-HESM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-433-HESM Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PERFORMANCE CHARACTERISTICS
DATA SHEET
FEATURES
HE SERIES
COMPACT HELICAL
ANTENNAS
ANT-315-HE**, ANT-418-HE**
ANT-433-HE**, ANT-916-HE**
** = SM (SURFACE-MOUNT)
TH (THROUGH-HOLE)
DESCRIPTION
RADIATION PATTERN
In low-cost RF applications a whip antenna generally provides the best
overall performance. In many cases, however, the use of a whip is not
practical for cost or cosmetic reasons. In instances where a designer is
looking for a blend of easy concealment, low cost and good
performance, a helical antenna is usually the optimum choice. The HE
series from Linx delivers exceptional performance and ease of use,
while maintaining a cost factor appropriate for high-volume
applications. Linx helical antennas are precisely wound and matched to
provide the lowest possible SWR at the operational frequency. In
addition, the antenna diameter and inter-coil spacing are optimized to
provide a wider than typical bandwidth.
Compact design for easy concealment
High-grade phosphoric bronze construction
Precision wound for consistent performance
Surface-mount or through-hole styles
Recipient understands any or all of the above specifications are subject to change without notice and proceeds with integration at own risk.
Side View
.25"
1.5"
Through-Hole Style
End View
OD=.35"
ID=.25"
OD=.35"
ID=.25"
Surface Style
End Views
1.5"
.150"
.300"
Groundplane
Minimum distance
to groundplane
.50"
Helical Layout Example
;;;;
;;;;
;;;;
;
;
CH1
SWR
MARKER VSWR = 3.2
Helical Parallel to Ground Plane
CH1
SWR
MARKER VSWR = 2.8
Helical Perpendicular to Ground Plane
PART #
DESCRIPTION
ANT-315-HESM
SURFACE-MOUNT 315 MHZ
ANT-418-HESM
SURFACE-MOUNT 418 MHZ
ANT-433-HESM
SURFACE-MOUNT 433 MHZ
ANT-916-HESM
SURFACE-MOUNT 916 MHZ
PART #
DESCRIPTION
ANT-315-HETH
THROUGH-HOLE 315 MHz
ANT-418-HETH
THROUGH-HOLE 418 MHz
ANT-433-HETH
THROUGH-HOLE 433 MHz
ANT-916-HETH
THROUGH-HOLE 916 MHz
ORDERING INFORMATION
For Applications Subject to
Vibration or Shock
Suggested Board Layout
Parallel to Groundplane
Perpendicular to Groundplane
Surface-Mount Style
Through-Hole Style
Low physical impedance
Rugged construction
Very low cost in volume
HE Series antenna patterns have not been fully characterized as of this
time. The patterns below illustrate typical patterns for antennas of this
type.
1.0"
Feed Trace
.18" - .090 width
.25 - .45 max. length
0.200"
0.110"
(916MHz)
Wire Diameter 0.050”


Similar Part No. - ANT-433-HESM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-433-HESM ETC2-ANT-433-HESM Datasheet
86Kb / 1P
   ANT-315-HETH
logo
Linx Technologies
ANT-433-HESM LINX-ANT-433-HESM Datasheet
402Kb / 2P
   HE Series antennas are designed for direct PCB mounting.
5/16/16
More results

Similar Description - ANT-433-HESM

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TR100 EXTECH-TR100_15 Datasheet
102Kb / 1P
   Compact design for easy portability with durable
logo
PHOENIX CONTACT
2700906 PHOENIX-2700906 Datasheet
56Kb / 4P
   Easy installation, low installation depth, and compact design
2700916 PHOENIX-2700916 Datasheet
56Kb / 4P
   Easy installation, low installation depth, and compact design
2400163 PHOENIX-2400163 Datasheet
48Kb / 3P
   Easy installation, low installation depth, and compact design
2701555 PHOENIX-2701555 Datasheet
53Kb / 3P
   Easy installation, low installation depth, and compact design
2400453 PHOENIX-2400453 Datasheet
68Kb / 6P
   Easy installation, low installation depth, and compact design
2700921 PHOENIX-2700921 Datasheet
55Kb / 4P
   Easy installation, low installation depth, and compact design
2700911 PHOENIX-2700911 Datasheet
56Kb / 4P
   Easy installation, low installation depth, and compact design
logo
Axiomtek Co., Ltd.
AX60530 AXIOMTEK-AX60530_16 Datasheet
165Kb / 1P
   Compact design for embedded applications
logo
Laird Tech Smart Techno...
DA-045-12-02 LSTD-DA-045-12-02 Datasheet
819Kb / 2P
   Compact design
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com