Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX886 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX886
Description  Wireless and Satellite Handset Power-Management ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX886 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX886 Datasheet HTML 3Page - Maxim Integrated Products MAX886 Datasheet HTML 4Page - Maxim Integrated Products MAX886 Datasheet HTML 5Page - Maxim Integrated Products MAX886 Datasheet HTML 6Page - Maxim Integrated Products MAX886 Datasheet HTML 7Page - Maxim Integrated Products MAX886 Datasheet HTML 8Page - Maxim Integrated Products MAX886 Datasheet HTML 9Page - Maxim Integrated Products MAX886 Datasheet HTML 10Page - Maxim Integrated Products MAX886 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Wireless and Satellite Handset
Power-Management ICs
_______________________________________________________________________________________
7
70
0
0.01
0.1
1
10
100
1,000
REG1 POWER-SUPPLY REJECTION
RATIO vs. FREQUENCY
10
FREQUENCY (kHz)
30
20
40
60
50
VOUT1 = 3.3V
IOUT1 = 10mA
COUT1 = 2.2µF
70
0
0.01
0.1
1
10
100
1,000
REG2 POWER-SUPPLY REJECTION
RATIO vs. FREQUENCY
10
FREQUENCY (kHz)
30
20
40
60
50
VOUT2 = 3.3V
IOUT2 = 20mA
COUT2 = 2.2µF
400
µs/div
REG0 TURN-ON DELAY
MAX886/88-12
IOUT0 = 20mA
VON
(2V/div)
VOUT0
(2V/div)
400
µs/div
REG0 LINE-TRANSIENT RESPONSE
(PWM MODE)
MAX886/88-13
VBATT = 7V TO 8V, IOUT0 = 500mA,
VOUT0 = 3.75V, AC-COUPLED
VBATT
(500mV/div)
VOUT0
(100mV/div)
400
µs/div
REG0 LOAD-TRANSIENT RESPONSE
(PWM MODE)
MAX886/88-16
VBATT = 5.4V, IOUT0 = 0 TO 500mA,
VOUT0 = 3.75V, AC-COUPLED
IOUT0
(200mA/div)
VOUT0
(100mV/div)
400
µs/div
REG0 LINE-TRANSIENT RESPONSE
(PFM MODE)
MAX886/88-14
VBATT = 7V TO 8V, IOUT0 = 5mA,
VOUT0 = 3.75V, AC-COUPLED
VBATT
(500mV/div)
VOUT0
(100mV/div)
400
µs/div
REG2 LINE-TRANSIENT RESPONSE
(IN2 CONNECTED TO OUT0)
MAX886/88-15
VBATT = 7V TO 8V, IOUT2 = 5mA,
VOUT2 = 3.3V, AC-COUPLED
VBATT
(500mV/div)
VOUT2
(100mV/div)
400
µs/div
REG0 LOAD-TRANSIENT RESPONSE
(PFM MODE)
MAX886/88-17
VBATT = 5.4V, IOUT0 = 0 TO 500mA,
VOUT0 = 3.75V, AC-COUPLED
IOUT0
(200mA/div)
VOUT0
(100mV/div)
400
µs/div
REG2 LOAD-TRANSIENT RESPONSE
(IN2 CONNECTED TO BATT)
MAX886/88-18
VBATT = VIN2 = 5.4V, IOUT2 = 0 TO 200mA,
VOUT2 = 3.3V, AC-COUPLED
IOUT2
(200mA/div)
VOUT2
(100mV/div)
Typical Operating Characteristics (continued)
(Circuit of Figure 2, REG0 to REG5 outputs at POR states, VOUT0 = 3.75V, VOUT4 = 5.25V, VOUT1 = VOUT2 = VOUT3 = VOUT5 = 3.3V,
TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX886

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX886 MAXIM-MAX886 Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8860 MAXIM-MAX8860 Datasheet
137Kb / 8P
   Low-Dropout, 300mA Linear Regulator in 關MAX
MAX8860EUA18 MAXIM-MAX8860EUA18 Datasheet
137Kb / 8P
   Low-Dropout, 300mA Linear Regulator in 關MAX
MAX8860EUA25 MAXIM-MAX8860EUA25 Datasheet
137Kb / 8P
   Low-Dropout, 300mA Linear Regulator in 關MAX
MAX8860EUA27 MAXIM-MAX8860EUA27 Datasheet
137Kb / 8P
   Low-Dropout, 300mA Linear Regulator in 關MAX
More results

Similar Description - MAX886

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8939 MAXIM-MAX8939_11 Datasheet
2Mb / 44P
   System Power Management for Mobile Handset
Rev 1; 11/11
MAX8939 MAXIM-MAX8939_12 Datasheet
3Mb / 44P
   System Power Management for Mobile Handset
Rev 2; 1/12
MAX1727 MAXIM-MAX1727 Datasheet
403Kb / 15P
   GSM Cellular/PCN Handset RF Power Management IC
Rev 0; 12/00
logo
Texas Instruments
LP3925 TI1-LP3925 Datasheet
1Mb / 51P
[Old version datasheet]   High Performance Power Management Unit for Handset Applications
LP8765-E TI1-LP8765-E Datasheet
161Kb / 5P
[Old version datasheet]   High Performance Power Management Unit for Handset Applications
logo
RICOH electronics devic...
R1172H RICOH-R1172H Datasheet
30Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS
RH5RZ RICOH-RH5RZ Datasheet
25Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS
RH5RL RICOH-RH5RL Datasheet
24Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS
logo
Maxim Integrated Produc...
MAX8939 MAXIM-MAX8939 Datasheet
2Mb / 43P
   System Power Management for Mobile Handset Hardware Input Enable
Rev 0; 5/11
logo
ATMEL Corporation
AT73C214 ATMEL-AT73C214 Datasheet
118Kb / 5P
   Power Management and Battery Charger for Wireless Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com