Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX881REUB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX881REUB
Description  Low-Noise Bias Supply in 關MAX with Power-OK for GaAsFET PA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX881REUB Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX881REUB Datasheet HTML 1Page - Maxim Integrated Products MAX881REUB Datasheet HTML 2Page - Maxim Integrated Products MAX881REUB Datasheet HTML 3Page - Maxim Integrated Products MAX881REUB Datasheet HTML 4Page - Maxim Integrated Products MAX881REUB Datasheet HTML 5Page - Maxim Integrated Products MAX881REUB Datasheet HTML 6Page - Maxim Integrated Products MAX881REUB Datasheet HTML 7Page - Maxim Integrated Products MAX881REUB Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Low-Noise Bias Supply in µMAX
with Power-OK for GaAsFET PA
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 3, VIN = 3.6V, TA = +25°C, unless otherwise noted.)
100
µs/div
START-UP FROM SHUTDOWN
(NO LOAD)
+5V
VOUT
POK
SHDN
MAX881R-TOC10
-2V
0
0
VIN
0
VIN = 3.6V
CIRCUIT OF FIGURE 3b
5
µs/div
OUTPUT NOISE AND RIPPLE
(CIRCUIT OF FIGURE 3a)
VOUT
1mV/div
AC COUPLED
MAX881R-TOC11
VIN = 3.6V
VOUT = -2V
IOUT = 2.5mA
10
µs/div
OUTPUT NOISE AND RIPPLE
(CIRCUIT OF FIGURE 3b)
VOUT = 0
VIN = 0
1mV/div
AC COUPLED
VOUT = -2V
VIN = 3.6V
1mV/div
AC COUPLED
MAX881R-TOC12
RL = 500Ω
NOISE FLOOR
OUTPUT NOISE
60
-40
1
10
100
1000
OUTPUT NOISE SPECTRUM
(CIRCUIT OF FIGURE 3a)
-20
FREQUENCY (kHz)
0
20
40
50
-30
-10
10
30
VIN = 3.6V
VOUT = -2V
IOUT = 2.5mA
60
-40
1
10
100
1000
OUTPUT NOISE SPECTRUM
(CIRCUIT OF FIGURE 3b)
-20
FREQUENCY (kHz)
0
20
40
50
-30
-10
10
30
VIN = 3.6V
VOUT = -2V
IOUT = 4mA
2ms/div
LINE-TRANSIENT RESPONSE
VIN
VOUT
MAX881R-TOC15
10mV/
div
3.3V
2.7V
ILOAD = 4mA
VOUT = -2V
CIRCUIT OF FIGURE 3b
100
µs/div
LOAD-TRANSIENT RESPONSE
IOUT
VOUT
MAX881R-TOC16
10mV/
div
4mA
400
µA
VIN = 3.6V
VOUT = -2V
CIRCUIT OF FIGURE 3b


Similar Part No. - MAX881REUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8810AETM MAXIM-MAX8810AETM Datasheet
693Kb / 50P
   VRD11/VRD10, K8 Rev F 2/3/4-Phase PWM Controllers with Integrated Dual MOSFET Drivers
Rev 1; 8/06
MAX8811 MAXIM-MAX8811 Datasheet
166Kb / 11P
   High-Speed, Dual-Phase Driver with Integrated Boost Diodes
Rev 0; 1/06
MAX8811 MAXIM-MAX8811 Datasheet
167Kb / 11P
   High-Speed, Dual-Phase Driver with Integrated Boost Diodes
Rev 1; 4/07
MAX8811EEE++ MAXIM-MAX8811EEE+ Datasheet
166Kb / 11P
   High-Speed, Dual-Phase Driver with Integrated Boost Diodes
Rev 0; 1/06
MAX8811EEE++ MAXIM-MAX8811EEE+ Datasheet
167Kb / 11P
   High-Speed, Dual-Phase Driver with Integrated Boost Diodes
Rev 1; 4/07
More results

Similar Description - MAX881REUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX840 MAXIM-MAX840 Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX850 MAXIM-MAX850 Datasheet
118Kb / 8P
   Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias
Rev 2; 4/96
MAX4473 MAXIM-MAX4473 Datasheet
140Kb / 6P
   Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin 關MAX
Rev 0; 3/99
logo
Hamamatsu Corporation
C11204-01 HAMAMATSU-C11204-01_15 Datasheet
320Kb / 5P
   Bias power supply with built-in high precision temperature compensation for MPPCs
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875 Datasheet
435Kb / 8P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
logo
Anpec Electronics Corop...
APL5316 ANPEC-APL5316_11 Datasheet
434Kb / 16P
   Low Dropout 300mA Linear Regulator With Power-Ok Indicator
APL5158 ANPEC-APL5158 Datasheet
616Kb / 15P
   150mA CMOS Low Dropout Regulator With Power OK
logo
Linear Technology
LT3048 LINER-LT3048_15 Datasheet
236Kb / 16P
   Low Noise Bias Generator in 2mm 2mm DFN
logo
Maxim Integrated Produc...
MAX768 MAXIM-MAX768 Datasheet
101Kb / 12P
   Low-Noise, Dual-Output, Regulated Charge Pump for GaAsFET, LCD, and VCO Supplies
Rev 0; 12/96
MAX8875 MAXIM-MAX8875_V01 Datasheet
260Kb / 9P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com