Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX817 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX817
Description  5V Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX817 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX817 Datasheet HTML 7Page - Maxim Integrated Products MAX817 Datasheet HTML 8Page - Maxim Integrated Products MAX817 Datasheet HTML 9Page - Maxim Integrated Products MAX817 Datasheet HTML 10Page - Maxim Integrated Products MAX817 Datasheet HTML 11Page - Maxim Integrated Products MAX817 Datasheet HTML 12Page - Maxim Integrated Products MAX817 Datasheet HTML 13Page - Maxim Integrated Products MAX817 Datasheet HTML 14Page - Maxim Integrated Products MAX817 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
+5V Microprocessor Supervisory Circuits
______________________________________________________________________________________
11
Any time a reset is generated, the CE transmission gate
remains disabled and
CE IN remains high impedance
(regardless of
CE IN activity) for the reset timeout peri-
od. When the CE transmission gate is enabled, the
impedance of
CE IN appears as a 40
Ω resistor in series
with the load at
CE OUT. The propagation delay
through the CE transmission gate depends on VCC, the
source impedance of the drive connected to
CE IN,
and the loading on
CE OUT (see Typical Operating
Characteristics). The CE propagation delay is produc-
tion tested from the 50% point on
CE IN to the 50%
point on
CE OUT using a 50
Ω driver and a 50pF load
capacitance (Figure 7). For minimum propagation
delay, minimize the capacitive load at
CE OUT and use
a low-output-impedance driver.
Chip-Enable Output (MAX818)
When the CE transmission gate is enabled, the imped-
ance of
CE OUT is equivalent to a 40
Ω resistor in series
with the source driving
CE IN. In the disabled mode,
the transmission gate is off and an active pull-up con-
nects
CE OUT to OUT (Figure 5). This pull-up turns off
when the transmission gate is enabled.
Power-Fail Comparator
(MAX817/MAX819)
The MAX817/MAX819 PFI input is compared to an inter-
nal reference. If PFI is less than the power-fail threshold
(VPFT), PFO goes low. The power-fail comparator is
intended for use as an undervoltage detector to signal a
failing power supply (Figure 8). However, the comparator
does not need to be dedicated to this function because it
is completely separate from the rest of the circuitry.
The power-fail comparator turns off and
PFO goes low
when VCC falls below VBATT. During the reset timeout
period (tRP), PFO is forced high, regardless of the state
of VPFI (see Battery Freshness Seal section). If the com-
parator is unused, connect PFI to ground and leave
PFO
unconnected.
PFO can be connected to MR on the
MAX819 so that a low voltage on PFI will generate a
reset (Figure 9). In this configuration, when the monitored
voltage causes PFI to fall below VPFT, PFO pulls MR low,
causing a reset to be asserted. Reset remains asserted
as long as
PFO holds MR low, and for tRP (200ms) after
PFO pulls MR high when the monitored supply is above
the programmed threshold. When
PFO is connected to
MR, it is not possible to enable the battery freshness
seal. Enabling the battery freshness seal requires
MR to
be high or open. Once the battery freshness seal is
enabled, it is no longer affected by
PFO’s connection to
MR.
Figure 7. CE Propagation Delay Test Circuit
CE IN
BATT
CE OUT
GND
MAX818
CL*
* CL INCLUDES LOAD CAPACITANCE, STRAY CAPACITANCE,
AND SCOPE-PROBE CAPACITANCE.
50pF
VCC
+5V
50
50
Figure 8. Using the Power-Fail Comparator to Generate a
Power-Fail Warning
MAX817
MAX819
VWARN = 1.25
POWER-FAIL-WARNING TRIP VOLTAGE
R1 + R2
R2
PFI
PFO
R1
R2
µP
VCC
VIN
NMI
RESET
1.25V
RESET
+5V
REGULATOR
(
)


Similar Part No. - MAX817

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX817L MAXIM-MAX817L_05 Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
MAX817_CPA MAXIM-MAX817_CPA Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
MAX817_CSA MAXIM-MAX817_CSA Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
MAX817_CUA MAXIM-MAX817_CUA Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
MAX817_EPA MAXIM-MAX817_EPA Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
More results

Similar Description - MAX817

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX817L MAXIM-MAX817L_05 Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com