Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX877CPA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX877CPA
Description  5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX877CPA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX877CPA Datasheet HTML 1Page - Maxim Integrated Products MAX877CPA Datasheet HTML 2Page - Maxim Integrated Products MAX877CPA Datasheet HTML 3Page - Maxim Integrated Products MAX877CPA Datasheet HTML 4Page - Maxim Integrated Products MAX877CPA Datasheet HTML 5Page - Maxim Integrated Products MAX877CPA Datasheet HTML 6Page - Maxim Integrated Products MAX877CPA Datasheet HTML 7Page - Maxim Integrated Products MAX877CPA Datasheet HTML 8Page - Maxim Integrated Products MAX877CPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
5V/3.3V/3V/Adjustable-Output,
Step-Up/Step-Down DC-DC Converters
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(Circuit of Figure 4, TA = +25°C, unless otherwise noted.)
90
40
0.1
1
1000
MAX877/MAX879
EFFICIENCY vs. LOAD CURRENT
50
LOAD CURRENT (mA)
60
70
80
10
100
30
VIN = 2.5V
VIN = 6.2V
VIN = 1.8V
VOUT = 5V
VIN = 5V
VIN = 4V
90
40
0.1
1
1000
MAX878
EFFICIENCY vs. LOAD CURRENT
50
LOAD CURRENT (mA)
60
70
80
10
100
30
VIN = 2.5V
VIN = 3.3V
VIN = 1.8V
VOUT = 3.3V OR 3.0V
VIN = 5V
VIN = 6.2V
350
100
01
MAX877/MAX879 MAXIMUM OUTPUT
CURRENT AT LOW INPUT VOLTAGE
150
INPUT VOLTAGE (V)
200
250
300
23
0
VOUT = 5V
50
350
50
03
MAX878 MAXIMUM OUTPUT
CURRENT vs. INPUT VOLTAGE
100
INPUT VOLTAGE (V)
150
200
250
67
0
TA = +70°C
300
12
4
5
VOUT = 3.0V
DIP PACKAGE
DISSIPATION LIMIT
SO PACKAGE
DISSIPATION LIMIT
2.0
12
5
SHDN THRESHOLD VOLTAGE
vs. INPUT VOLTAGE AND TEMPERATURE
2.5
INPUT VOLTAGE (V)
3.0
3.5
34
1.5
0.5
1.0
7
6
TA = +25°C
TA = -55°C
TA = +125°C
300
200
12
5
NO-LOAD SUPPLY CURRENT
vs. SUPPLY VOLTAGE AND TEMPERATURE
220
SUPPLY VOLTAGE (V)
240
260
280
34
180
(SWITCH = OFF)
120
140
160
100
7
6
TA = 0°C
TA = -40°C
TA = +25°C
TA = +85°C
50
12
5
SHUTDOWN SUPPLY CURRENT
vs. INPUT VOLTAGE AND TEMPERATURE
60
INPUT VOLTAGE (V)
70
80
34
40
10
20
30
0
7
6
TA = 0°C
TA = -40°C
TA = +85°C
A: IOUT, 200mA/div, 0mA to 200mA
B: VOUT, 50mV/div, AC COUPLED
MAX878, VOUT = 3.3V, VIN = 2.5V
LOAD-TRANSIENT RESPONSE
A
B
2ms/div
A: VIN, 2V/div, 2V to 4V
B: VOUT, 50mV/div, AC COUPLED
IOUT = 240mA
MAX878, VOUT = 3.3V, CINBYPASS = 47µF
LINE-TRANSIENT RESPONSE
GND
2ms/div
A
B


Similar Part No. - MAX877CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8770 MAXIM-MAX8770 Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8770GTL++ MAXIM-MAX8770GTL+ Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8771 MAXIM-MAX8771 Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8771GTL++ MAXIM-MAX8771GTL+ Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8772 MAXIM-MAX8772 Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
More results

Similar Description - MAX877CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
   3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
   Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
   Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX830 MAXIM-MAX830 Datasheet
43Kb / 5P
   5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 6/95
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com