Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX857ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX857ESA
Description  3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX857ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX857ESA Datasheet HTML 1Page - Maxim Integrated Products MAX857ESA Datasheet HTML 2Page - Maxim Integrated Products MAX857ESA Datasheet HTML 3Page - Maxim Integrated Products MAX857ESA Datasheet HTML 4Page - Maxim Integrated Products MAX857ESA Datasheet HTML 5Page - Maxim Integrated Products MAX857ESA Datasheet HTML 6Page - Maxim Integrated Products MAX857ESA Datasheet HTML 7Page - Maxim Integrated Products MAX857ESA Datasheet HTML 8Page - Maxim Integrated Products MAX857ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3.3V/5V or Adjustable-Output,
Step-Up DC-DC Converters
_______________________________________________________________________________________
3
100
20
10
0
0.01
0.001
0.1
10
1
100
1000
MAX858/MAX859
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 3.3V
40
30
50
LOAD CURRENT (mA)
60
70
80
90
VIN = 2.0V
VIN = 2.5V
VIN = 1.5V
100
20
10
0
0.01
0.001
0.1
10
1
100
1000
MAX858/MAX859
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 5V
40
30
50
LOAD CURRENT (mA)
60
70
80
90
VIN = 2.5V
VIN = 3.3V
VIN = 1.5V
100
20
10
0
0.01
0.001
0.1
10
1
100
1000
MAX856/MAX857
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 5V
40
30
50
LOAD CURRENT (mA)
60
70
80
90
VIN = 2.0V
VIN = 3.3V
VIN = 1.5V
100
20
10
0
0.01
0.001
0.1
10
1
100
1000
MAX856/MAX857
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 3.3V
40
30
50
LOAD CURRENT (mA)
60
70
80
90
VIN = 2.0V
VIN = 2.5V
VIN = 1.5V
__________________________________________Typical Operating Characteristics
(Circuits of Figure 2, TA = +25°C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS (continued)
(Circuits of Figure 2, VIN = 2.5V, ILOAD = 0mA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 2: Supply current from the 3.3V output is measured with an ammeter between the 3.3V output and OUT pin. This current
correlates directly with actual battery supply current, but is reduced in value according to the step-up ratio and efficiency.
VOUT = 3.47V to keep the internal switch open when measuring the current into the device.
Note 3: Minimum value is production tested. Maximum value is guaranteed by design and is not production tested.
S
H
D
N
, 3/
5
Input Voltage Low
0.4
V
S
H
D
N
, 3/
5
Input Voltage High
1.6
V
S
H
D
N
, 3/
5
, FB, LBI Input Current
LBI = 1.5V, FB = 1.5V,
S
H
D
N
= 0V or 3V, 3/
5
= 0V or 3V
±100
nA
FB Voltage
MAX857/MAX859
1.22
1.25
1.28
V
Output Voltage Range
MAX857/MAX859, ILOAD = 0mA (Note 3)
2.7
6.0
V


Similar Part No. - MAX857ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8570 MAXIM-MAX8570 Datasheet
654Kb / 10P
   High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8570 MAXIM-MAX8570 Datasheet
252Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
MAX8570-MAX8575 MAXIM-MAX8570-MAX8575 Datasheet
654Kb / 10P
   High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8570ELT+T MAXIM-MAX8570ELT+T Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
More results

Similar Description - MAX857ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
   3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
   3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
   Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
   Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
   5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
logo
Linear Technology
LT1302 LINER-LT1302_15 Datasheet
323Kb / 16P
   Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com